Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP1094 Datasheet (PDF) - RF Micro Devices

RP1094 Datasheet PDF - RF Micro Devices
Part # RP1094
Download  RP1094 Download
File Size   149.49 Kbytes
Page   2 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 915.0 MHz SAW RESONATOR

RP1094 Datasheet (PDF)

Go To PDF Page Download Datasheet
RP1094 Datasheet PDF - RF Micro Devices

Part # RP1094
Download  RP1094 Click to download

File Size   149.49 Kbytes
Page   2 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 915.0 MHz SAW RESONATOR

RP1094 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RP1094

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP109 RICOH-RP109 Datasheet
815Kb / 42P
Supply Current Typ. 50uA
April 1, 2012
logo
Nisshinbo Micro Devices...
RP109K081B NISSHINBO-RP109K081B Datasheet
1Mb / 42P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
RP109K081B-TR RICOH-RP109K081B-TR Datasheet
815Kb / 42P
Supply Current Typ. 50uA
April 1, 2012
logo
Nisshinbo Micro Devices...
RP109K081D NISSHINBO-RP109K081D Datasheet
1Mb / 42P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
RP109K081D-TR RICOH-RP109K081D-TR Datasheet
815Kb / 42P
Supply Current Typ. 50uA
April 1, 2012
More results


Similar Description - RP1094

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HO1045 RFM-HO1045 Datasheet
80Kb / 2P
915.0 MHz SAW Oscillator
RF2040E RFM-RF2040E Datasheet
505Kb / 10P
915.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
RO3073E-11 MURATA-RO3073E-11 Datasheet
394Kb / 2P
315.00 MHz SAW Resonator
RO3075A MURATA-RO3075A Datasheet
392Kb / 2P
345.00 MHz SAW Resonator
RF2040E MURATA-RF2040E Datasheet
505Kb / 10P
915.0 MHz SAW Filter
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com