Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HO1045 Datasheet (PDF) - RF Monolithics, Inc

HO1045 Datasheet PDF - RF Monolithics, Inc
Part # HO1045
Download  HO1045 Download
File Size   80.53 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 915.0 MHz SAW Oscillator

HO1045 Datasheet (PDF)

Go To PDF Page Download Datasheet
HO1045 Datasheet PDF - RF Monolithics, Inc

Part # HO1045
Download  HO1045 Click to download

File Size   80.53 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 915.0 MHz SAW Oscillator

HO1045 Datasheet (HTML) - RF Monolithics, Inc


HO1045 Product details

This 915.0 MHz surface-acoustic-wave (SAW) oscillator is designed for Industrial, Scientific, and Medical (ISM) applications and as the local oscillator in FCC Part 15.247 radios. Fundamental oscillation at 915.0 MHz eliminates all internally generated spurious outputs except integral harmonics of 915.0 MHz. The compact size of the rugged, metal, hermetically-sealed case makes this oscillator suitable for a variety of applications.

• SAW Frequency Stabilization
• Fundamental-Mode Oscillation at 915.0 MHz
• 0.8” x 0.5” x 0.25” Metal Dip Case




Similar Part No. - HO1045

ManufacturerPart #DatasheetDescription
logo
LEM
HO10-P LEM-HO10-P Datasheet
1,013Kb / 12P
Current Transducer
HO10-P-SP33 LEM-HO10-P-SP33 Datasheet
787Kb / 11P
Current Transducer
HO100-P LEM-HO100-P Datasheet
1Mb / 15P
Current Transducer
HO100-S LEM-HO100-S Datasheet
1Mb / 14P
Current Transducer
logo
RF Monolithics, Inc
HO1056 RFM-HO1056 Datasheet
80Kb / 2P
310.0 MHz SAW Oscillator
More results


Similar Description - HO1045

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RP1094 RFMD-RP1094 Datasheet
149Kb / 2P
915.0 MHz SAW RESONATOR
logo
RF Monolithics, Inc
HO1078 RFM-HO1078 Datasheet
80Kb / 2P
1030.0 MHz SAW Oscillator
HO1324 RFM-HO1324 Datasheet
80Kb / 2P
640.0 MHz SAW Oscillator
HO4001-1 RFM-HO4001-1 Datasheet
79Kb / 2P
1000.0 MHz SAW Oscillator
RF2040E RFM-RF2040E Datasheet
505Kb / 10P
915.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF2040E MURATA-RF2040E Datasheet
505Kb / 10P
915.0 MHz SAW Filter
HO1080-3 MURATA-HO1080-3 Datasheet
482Kb / 2P
1030.0 MHz SAW Oscillator
HO1091 MURATA-HO1091 Datasheet
485Kb / 2P
1090.0 MHz SAW Oscillator
HO4002-1 MURATA-HO4002-1 Datasheet
70Kb / 2P
400.0 MHz SAW Oscillator
HX1080 MURATA-HX1080 Datasheet
89Kb / 3P
1030.0 MHz SAW Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com