Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1121 Datasheet (PDF) - Analog Devices

HMC1121 Datasheet PDF - Analog Devices
Part # HMC1121
Download  HMC1121 Download
File Size   390.55 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 W, GaAs, pHEMT, MMIC Power Amplifier

HMC1121 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1121 Datasheet PDF - Analog Devices

Part # HMC1121
Download  HMC1121 Click to download

File Size   390.55 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 W, GaAs, pHEMT, MMIC Power Amplifier

HMC1121 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC1121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1120 AD-HMC1120 Datasheet
1,012Kb / 33P
50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
Rev. F
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
RMS POWER DETECTOR ENVELOPE TRACKER
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
HMC1126 AD-HMC1126 Datasheet
332Kb / 16P
MMIC, Power Amplifier
Dec-2017
HMC1126-EVALZ AD-HMC1126-EVALZ Datasheet
577Kb / 21P
GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
11/2021-Revision 0
More results


Similar Description - HMC1121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC907APM5E AD-HMC907APM5E Datasheet
949Kb / 12P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC994APM5E AD-HMC994APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC464LP5E AD-HMC464LP5E Datasheet
1Mb / 9P
GaAs PHEMT MMIC POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC498 AD-HMC498 Datasheet
352Kb / 6P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC559 AD-HMC559 Datasheet
429Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER
HMC659LC5 AD-HMC659LC5 Datasheet
476Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER
ADPA7002CHIP AD-ADPA7002CHIP Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com