Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC559 Datasheet (PDF) - Analog Devices

HMC559 Datasheet PDF - Analog Devices
Part # HMC559
Download  HMC559 Download
File Size   429.42 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC POWER AMPLIFIER

HMC559 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC559 Datasheet PDF - Analog Devices

Part # HMC559
Download  HMC559 Click to download

File Size   429.42 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC POWER AMPLIFIER

HMC559 Datasheet (HTML) - Analog Devices


HMC559 Product details

General Description
The HMC559 is a GaAs MMIC PHEMT Distributed Power Amplifi er die which operates between DC and 20 GHz. The amplifi er provides 14 dB of gain, +36 dBm output IP3 and +28 dBm of output power at 1 dB gain compression while requiring 400 mA from a +10V supply. Gain fl atness is slightly positive from 4 to 20 GHz making the HMC559 ideal for EW, ECM and radar driver amplifi er applications. The HMC559 amplifi er I/O’s are internally matched to 50 Ohms facilitating integration into Multi-Chip-Modules (MCMs). All data is taken with the chip connected via two 0.075mm (3 mil) ribbon bonds of minimal length 0.31mm (12 mils).

Features
   P1dB Output Power: +28 dBm
   Gain: 14 dB
   Output IP3: +36 dBm
   Supply Voltage: +10V @ 400 mA
   50 Ohm Matched Input/Output
   Die Size: 3.12 x 1.50 x 0.1 mm

Typical Applications
The HMC559 wideband PA is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optics




Similar Part No. - HMC559

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC559 HITTITE-HMC559 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
logo
Micross Components
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC559 AD-HMC559 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
More results


Similar Description - HMC559

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC907APM5E AD-HMC907APM5E Datasheet
949Kb / 12P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC994APM5E AD-HMC994APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
HMC464LP5E AD-HMC464LP5E Datasheet
1Mb / 9P
GaAs PHEMT MMIC POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC498 AD-HMC498 Datasheet
352Kb / 6P
GaAs pHEMT MMIC POWER AMPLIFIER
HMC659LC5 AD-HMC659LC5 Datasheet
476Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com