Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC559 Datasheet (PDF) - Micross Components

HMC559 Datasheet PDF - Micross Components
Part # HMC559
Download  HMC559 Download
File Size   951.86 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Telecom Infrastructure

HMC559 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC559 Datasheet PDF - Micross Components

Part # HMC559
Download  HMC559 Click to download

File Size   951.86 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Telecom Infrastructure

HMC559 Datasheet (HTML) - Micross Components


HMC559 Product details

General Description
The HMC559 is a GaAs MMIC PHEMT Distributed Power Amplifi er die which operates between DC and 20 GHz. The amplifi er provides 14 dB of gain, +36 dBm output IP3 and +28 dBm of output power at 1 dB gain compression while requiring 400 mA from a +10V supply. Gain fl atness is slightly positive from 4 to 20 GHz making the HMC559 ideal for EW, ECM and radar driver amplifi er applications. The HMC559 amplifi er I/O’s are internally matched to 50 Ohms facilitating integration into Multi-Chip-Modules (MCMs). All data is taken with the chip connected via two 0.075mm (3 mil) ribbon bonds of minimal length 0.31mm (12 mils).

Features
   P1dB Output Power: +28 dBm
   Gain: 14 dB
   Output IP3: +36 dBm
   Supply Voltage: +10V @ 400 mA
   50 Ohm Matched Input/Output
   Die Size: 3.12 x 1.50 x 0.1 mm

Typical Applications
The HMC559 wideband PA is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optics




Similar Part No. - HMC559

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC559 HITTITE-HMC559 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
logo
Analog Devices
HMC559 AD-HMC559 Datasheet
429Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER
HMC559 AD-HMC559 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
More results


Similar Description - HMC559

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
Telecom
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
Telecom Infrastructure
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
Telecom Infrastructure
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
Telecom Infrastructure
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
Telecom Infrastructure
HMC460 MICROSS-HMC460 Datasheet
990Kb / 11P
Telecom Infrastructure
HMC462 MICROSS-HMC462 Datasheet
1,002Kb / 11P
Telecom Infrastructure
HMC463 MICROSS-HMC463 Datasheet
952Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
Telecom Infrastructure
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com