Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC322 Datasheet (PDF) - Micross Components

HMC322 Datasheet PDF - Micross Components
Part # HMC322
Download  HMC322 Download
File Size   822.39 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Telecom Infrastructure

HMC322 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC322 Datasheet PDF - Micross Components

Part # HMC322
Download  HMC322 Click to download

File Size   822.39 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Telecom Infrastructure

HMC322 Datasheet (HTML) - Micross Components


HMC322 Product details

General Description
The HMC322 is a broadband non-refl ective GaAs MESFET SP8T switch chip. Covering DC to 10 GHz, this switch offers high isolation and low insertion loss and extends the frequency coverage of Hittite’s SP8T switch product line. This switch also includes an on board binary decoder circuit which reduces the required logic control lines to three. The switch operates using a negative control voltage of 0/-5V, and requires a fi xed bias of -5V. All data is tested with the chip in a 50 Ohm test fi xture connected via 0.025 mm (1 mil) diameter wire bonds of 0.5 mm (20 mils) length.

Features
   Broadband Performance: DC - 10.0 GHz
   High Isolation: >38 dB@ 4 GHz
   Low Insertion Loss: 2.0 dB@ 4 GHz
   Integrated 3:8 TTL Decoder
   Small Size: 1.45 x 1.6 x 0.10 mm

Typical Applications
The HMC322 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation




Similar Part No. - HMC322

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC322 HITTITE-HMC322 Datasheet
176Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
HMC322 HITTITE-HMC322 Datasheet
257Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC322LP4 HITTITE-HMC322LP4 Datasheet
265Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Similar Description - HMC322

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
Telecom
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
Telecom Infrastructure
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
Telecom Infrastructure
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
Telecom Infrastructure
HMC460 MICROSS-HMC460 Datasheet
990Kb / 11P
Telecom Infrastructure
HMC462 MICROSS-HMC462 Datasheet
1,002Kb / 11P
Telecom Infrastructure
HMC463 MICROSS-HMC463 Datasheet
952Kb / 11P
Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
Telecom Infrastructure
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com