Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC322 Datasheet (PDF) - Hittite Microwave Corporation

HMC322 Datasheet PDF - Hittite Microwave Corporation
Part # HMC322
Download  HMC322 Download
File Size   177.75 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz

HMC322 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC322 Datasheet PDF - Hittite Microwave Corporation

Part # HMC322
Download  HMC322 Click to download

File Size   177.75 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz

HMC322 Datasheet (HTML) - Hittite Microwave Corporation


HMC322 Product details

General Description
The HMC322 is a broadband non-refl ective GaAs MESFET SP8T switch chip. Covering DC to 10 GHz, this switch offers high isolation and low insertion loss and extends the frequency coverage of Hittite’s SP8T switch product line. This switch also includes an on board binary decoder circuit which reduces the required logic control lines to three. The switch operates using a negative control voltage of 0/-5V, and requires a fi xed bias of -5V. All data is tested with the chip in a 50 Ohm test fi xture connected via 0.025 mm (1 mil) diameter wire bonds of 0.5 mm (20 mils) length.

Features
   Broadband Performance: DC - 10.0 GHz
   High Isolation: >38 dB@ 4 GHz
   Low Insertion Loss: 2.0 dB@ 4 GHz
   Integrated 3:8 TTL Decoder
   Small Size: 1.45 mm x 1.6 mm x 0.10 mm

Typical Applications
The HMC322 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation




Similar Part No. - HMC322

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC322 HITTITE-HMC322 Datasheet
176Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
HMC322 HITTITE-HMC322 Datasheet
257Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
logo
Micross Components
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
Telecom Infrastructure
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC322LP4 HITTITE-HMC322LP4 Datasheet
265Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Similar Description - HMC322

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253QS24 HITTITE-HMC253QS24_06 Datasheet
265Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322_06 Datasheet
257Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC253QS24 HITTITE-HMC253QS24_07 Datasheet
182Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322_09 Datasheet
176Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
HMC322LP4 HITTITE-HMC322LP4_08 Datasheet
277Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com