Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7885 Datasheet (PDF) - Analog Devices

HMC7885 Datasheet PDF - Analog Devices
Part # HMC7885
Download  HMC7885 Download
File Size   304.37 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 GHz to 6 GHz, 45 dBm Power Amplifier

HMC7885 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC7885 Datasheet PDF - Analog Devices

Part # HMC7885
Download  HMC7885 Click to download

File Size   304.37 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 GHz to 6 GHz, 45 dBm Power Amplifier

HMC7885 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC7885

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC788A AD-HMC788A Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
HMC788ALP2E AD-HMC788ALP2E Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
HMC788ALP2ETR AD-HMC788ALP2ETR Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
logo
Hittite Microwave Corpo...
HMC788LP2E HITTITE-HMC788LP2E Datasheet
1Mb / 6P
pHEMT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results


Similar Description - HMC7885

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-6-2002 TELEDYNE-CMA-6-2002 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CMA-6-2003 TELEDYNE-CMA-6-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CMA-6-2004 TELEDYNE-CMA-6-2004 Datasheet
891Kb / 2P
Amplifier 2 GHz - 6 GHz
CPA-6-2002 TELEDYNE-CPA-6-2002 Datasheet
894Kb / 2P
Amplifier 2 GHz - 6 GHz
CPA-6-2003 TELEDYNE-CPA-6-2003 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
CPA-6-2004 TELEDYNE-CPA-6-2004 Datasheet
892Kb / 2P
Amplifier 2 GHz - 6 GHz
logo
Transcom, Inc.
TM020-060-11-32 TRANSCOM-TM020-060-11-32 Datasheet
23Kb / 1P
2 ~ 6 GHz 32 dBm Module
TA020-060-00-16 TRANSCOM-TA020-060-00-16 Datasheet
108Kb / 2P
2 - 6 GHz 16 dBm Limiting Amplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
2 - 6 GHz 33 dBm Amplifier
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
6 - 18 GHz 28 dBm Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com