Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC788A-EP Datasheet (PDF) - Analog Devices

HMC788A-EP Datasheet PDF - Analog Devices
Part # HMC788A-EP
Download  HMC788A-EP Download
File Size   145.01 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.01 GHz to 10 GHz, MMIC, GaAs, pHEMT RF Gain Block

HMC788A-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC788A-EP Datasheet PDF - Analog Devices

Part # HMC788A-EP
Download  HMC788A-EP Click to download

File Size   145.01 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.01 GHz to 10 GHz, MMIC, GaAs, pHEMT RF Gain Block

HMC788A-EP Datasheet (HTML) - Analog Devices


HMC788A-EP Product details

FEATURES
Gain: 14 dB typical
Operational frequency range: 0.01 GHz to 10 GHz
Input/output internally matched to 50 Ω
High input linearity
1 dB compression (P1dB): 20 dBm typical
Output third-order intercept (OIP3): 33 dBm typical
Supply voltage: 5 V typical
2 mm × 2 mm, 6-lead lead frame chip scale package




Similar Part No. - HMC788A-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC788A AD-HMC788A Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
HMC788ALP2E AD-HMC788ALP2E Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
HMC788ALP2ETR AD-HMC788ALP2ETR Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
More results


Similar Description - HMC788A-EP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC636ST89 HITTITE-HMC636ST89 Datasheet
231Kb / 6P
GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC636ST89 HITTITE-HMC636ST89_11 Datasheet
974Kb / 6P
GaAs pHEMT High Linearity Gain Block, 0.2 - 4.0 GHz
HMC788LP2E HITTITE-HMC788LP2E Datasheet
1Mb / 6P
pHEMT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
logo
Analog Devices
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
9/2018-Revision 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com