Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC788LP2E Datasheet (PDF) - Hittite Microwave Corporation

HMC788LP2E Datasheet PDF - Hittite Microwave Corporation
Part # HMC788LP2E
Download  HMC788LP2E Download
File Size   1257.0 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description pHEMT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz

HMC788LP2E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC788LP2E Datasheet PDF - Hittite Microwave Corporation

Part # HMC788LP2E
Download  HMC788LP2E Click to download

File Size   1257.0 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description pHEMT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz

HMC788LP2E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC788LP2E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
2 GHz to 6 GHz, 45 dBm Power Amplifier
1/2017-Revision 0
HMC7885FH18 AD-HMC7885FH18 Datasheet
304Kb / 11P
2 GHz to 6 GHz, 45 dBm Power Amplifier
1/2017-Revision 0
HMC788A AD-HMC788A Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
HMC788ALP2E AD-HMC788ALP2E Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
HMC788ALP2ETR AD-HMC788ALP2ETR Datasheet
239Kb / 12P
RF Gain Block
Nov-2017
More results


Similar Description - HMC788LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC478MP86 HITTITE-HMC478MP86 Datasheet
218Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC478SC70 HITTITE-HMC478SC70 Datasheet
262Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89_06 Datasheet
350Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC397 HITTITE-HMC397_07 Datasheet
191Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC397 HITTITE-HMC397_09 Datasheet
188Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC405 HITTITE-HMC405_09 Datasheet
184Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com