Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5729 Datasheet (PDF) - Renesas Technology Corp

ISL5729 Datasheet PDF - Renesas Technology Corp
Part # ISL5729
Download  ISL5729 Download
File Size   932.89 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter

ISL5729 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL5729 Datasheet PDF - Renesas Technology Corp

Part # ISL5729
Download  ISL5729 Click to download

File Size   932.89 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter

ISL5729 Datasheet (HTML) - Renesas Technology Corp


ISL5729 Product details

Dual 10-bit, +3.3V, 130/210+MSPS, High Speed D/A Converter

The ISL5729 is a dual 10-bit, 130/210+MSPS (Mega Samples Per Second), CMOS, high speed, low power, D/A (digital to analog) converter, designed specifically for use in high performance communication systems such as base transceiver stations utilizing 2.5G or 3G cellular protocols.
This device complements the ISL5x61 and ISL5x29 families of high speed converters, which include 8-, 10-, 12-, and 14-bit devices.

Features
• Speed Grades . . . . . . . . . . . . . . . . 130M and 210+MSPS
• Low Power . . . . . 233mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• Guaranteed Gain Matching < 0.14dB
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range (70dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS Adjacent Channel Power = 65dB at 19.2MHz
• EDGE/GSM SFDR = 83dBc at 11MHz in 20MHz Window
• Dual, 3.3V, Lower Power Replacement for AD9763

Applications
• Cellular Infrastructure - Single or Multi-Carrier: IS-136, IS-95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA Infrastructure
• Quadrature Transmit with IF Range 0–80MHz
• Medical/Test Instrumentation and Equipment
• Wireless Communication Systems




Similar Part No. - ISL5729

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5729 INTERSIL-ISL5729 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL57292IN INTERSIL-ISL57292IN Datasheet
766Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5729EVAL1 INTERSIL-ISL5729EVAL1 Datasheet
766Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5729IN INTERSIL-ISL5729IN Datasheet
766Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
More results


Similar Description - ISL5729

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5829 RENESAS-ISL5829 Datasheet
915Kb / 13P
Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5629 RENESAS-ISL5629 Datasheet
706Kb / 12P
Dual 8-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com