Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5729 Datasheet (PDF) - Intersil Corporation

ISL5729 Datasheet PDF - Intersil Corporation
Part # ISL5729
Download  ISL5729 Download
File Size   766.6 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter

ISL5729 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL5729 Datasheet PDF - Intersil Corporation

Part # ISL5729
Download  ISL5729 Click to download

File Size   766.6 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter

ISL5729 Datasheet (HTML) - Intersil Corporation


ISL5729 Product details

Dual 10-bit, +3.3V, 130/210+MSPS, CommLinkTM High Speed D/A Converter

The ISL5729 is a dual 10-bit, 130/210+MSPS (Mega Samples Per Second), CMOS, high speed, low power, D/A (digital to analog) converter, designed specifically for use in high performance communication systems such as base transceiver stations utilizing 2.5G or 3G cellular protocols.
This device complements the CommLink ISL5x61 and ISL5x29 families of high speed converters, which include 8-, 10-, 12-, and 14-bit devices.

Features
• Speed Grades . . . . . . . . . . . . . . . . 130M and 210+MSPS
• Low Power . . . . . 233mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• Guaranteed Gain Matching < 0.14dB
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range (70dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS Adjacent Channel Power = 65dB at 19.2MHz
• EDGE/GSM SFDR = 83dBc at 11MHz in 20MHz Window
• Dual, 3.3V, Lower Power Replacement for AD9763

Applications
• Cellular Infrastructure - Single or Multi-Carrier: IS-136, IS-95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA Infrastructure
• Quadrature Transmit with IF Range 0–80MHz
• Medical/Test Instrumentation and Equipment
• Wireless Communication Systems




Similar Part No. - ISL5729

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5729 INTERSIL-ISL5729 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5729/2IN RENESAS-ISL5729/2IN Datasheet
932Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5729EVAL1 RENESAS-ISL5729EVAL1 Datasheet
932Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5729IN RENESAS-ISL5729IN Datasheet
932Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Similar Description - ISL5729

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5761 INTERSIL-ISL5761 Datasheet
1Mb / 13P
10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
November 2001
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
September 2001
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
September 2001
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
logo
Renesas Technology Corp
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com