Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5861 Datasheet (PDF) - Intersil Corporation

ISL5861 Datasheet PDF - Intersil Corporation
Part # ISL5861
Download  ISL5861 Download
File Size   906.46 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter

ISL5861 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL5861 Datasheet PDF - Intersil Corporation

Part # ISL5861
Download  ISL5861 Click to download

File Size   906.46 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter

ISL5861 Datasheet (HTML) - Intersil Corporation


ISL5861 Product details

12-bit, +3.3V, 130/210+MSPS, High Speed D/A Converter

The ISL5861 is a 12-bit, 130/210+MSPS (Mega Samples Per Second), CMOS, high speed, low power, D/A (digital to analog) converter, designed specifically for use in high performance communication systems such as base transceiver stations utilizing 2.5G or 3G cellular protocols.
This device complements the ISL5x61 family of high speed converters, which include 10, 12, and 14-bit devices.

Features
• Speed Grades . . . . . . . . . . . . . . . . 130M and 210+MSPS
• Low Power . . . . . 103mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range (73dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS Adjacent Channel Power =70dB at 19.2MHz
• EDGE/GSM SFDR = 90dBc at 11MHz in 20MHz Window
• Pin compatible, 3.3V, Lower Power Replacement For The AD9752 and HI5860
• Pb-free available

Applications
• Cellular Infrastructure - Single or Multi-Carrier: IS-136, IS-95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA Infrastructure
• Medical/Test Instrumentation
• Wireless Communication Systems
• High Resolution Imaging Systems
• Arbitrary Waveform Generators




Similar Part No. - ISL5861

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
686Kb / 13P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5861 INTERSIL-ISL5861 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
667Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5861/2IA INTERSIL-ISL5861/2IA Datasheet
686Kb / 13P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
More results


Similar Description - ISL5861

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
1999 11
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5761 INTERSIL-ISL5761 Datasheet
1Mb / 13P
10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
November 2001
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
September 2001
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com