Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6140 Datasheet (PDF) - Renesas Technology Corp

ISL6140 Datasheet PDF - Renesas Technology Corp
Part # ISL6140
Download  ISL6140 Download
File Size   868.15 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Negative Voltage Hot Plug Controller

ISL6140 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6140 Datasheet PDF - Renesas Technology Corp

Part # ISL6140
Download  ISL6140 Click to download

File Size   868.15 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Negative Voltage Hot Plug Controller

ISL6140 Datasheet (HTML) - Renesas Technology Corp


ISL6140 Product details

The ISL6140 is an 8 Ld, negative voltage hot plug controller that allows a board to be safely inserted and removed from a live backplane. Inrush current is limited to a programmable value by controlling the gate voltage of an external N-channel pass transistor. The pass transistor is turned off if the input voltage is less than the undervoltage threshold, or greater than the overvoltage threshold. A programmable electronic circuit breaker protects the system against shorts. The active low PWRGD signal can be used to directly enable a power module (with a low enable input)
The ISL6150 is the same part, but with an active high PWRGD signal.

Features
• Low Side External NFET Switch
• Operates from -10V to -80V (-100V absolute max rating) or +10V to +80V (+100V absolute max rating)
• Programmable Inrush Current
• Programmable Electronic Circuit Breaker (overcurrent shutdown)
• Programmable Overvoltage Protection
• Programmable Undervoltage Lockout
• Power Good Control Output
    - PWRGD Active High: (H Version) ISL6150
    - PWRGD active Low: (L Version) ISL6140
• Pb-free available (RoHS compliant)

Applications
• VoIP (Voice over Internet Protocol) Servers
• Telecom systems at -48V
• Negative Power Supply Control
• +24V Wireless Base Station Power




Similar Part No. - ISL6140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140 INTERSIL-ISL6140 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL6140 INTERSIL-ISL6140 Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140 INTERSIL-ISL6140 Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
473Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
More results


Similar Description - ISL6140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
Negative Voltage Hot Plug Controller
July 2004
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
Negative Voltage Hot Plug Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com