Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6142 Datasheet (PDF) - Intersil Corporation

ISL6142 Datasheet PDF - Intersil Corporation
Part # ISL6142
Download  ISL6142 Download
File Size   452.99 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Voltage Hot Plug Controller

ISL6142 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6142 Datasheet PDF - Intersil Corporation

Part # ISL6142
Download  ISL6142 Click to download

File Size   452.99 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Voltage Hot Plug Controller

ISL6142 Datasheet (HTML) - Intersil Corporation


ISL6142 Product details

The ISL6142/52 are 14 pin, negative voltage hot plug controllers that allow a board to be safely inserted and removed from a live backplane. Inrush current is limited to a programmable value by controlling the gate voltage of an external N-channel pass transistor. The pass transistor is turned off if the input voltage is less than the Under-Voltage threshold, or greater than the Over Voltage threshold. The PWRGD/PWRGD outputs can be used to directly enable a power module. When the Gate and DRAIN voltages are both considered good the output is latched in the active state.



Features

• Operates from -20V to -80V (-100V Absolute Max Rating)

• Programmable Inrush Current

• Programmable Time-Out

• Programmable Current Limit

• Programmable Over-Voltage Protection

• Programmable Under-Voltage Protection

- 135 mV of hysteresis ~4.7V of hysteresis at the power supply

• VDD Under-Voltage Lock-Out (UVLO) ~ 16.5V

• IntelliTrip™ Electronic Circuit Breaker distinguishes between severe and moderate faults

- Fast shutdown for short circuit faults with a single retry (fault current > 4X current limit value).

• FAULT pin reports the occurrence of an Over-Current Time-Out

• Disable input controls GATE shutdown and resets Over-Current fault latch

• Load Current Monitor Function

- ISOUT provides a scaled version of the load current

- A resistor from ISOUT to -VIN provides current to voltage conversion

• Power Good Control Output

- Output latched “good” when DRAIN and GATE voltage thresholds are met.

- (PWRGD active low: ISL6142 (L version)

- PWRGD active high: ISL6152 (H version)

• Pb-free available



Applications

• VoIP (Voice over Internet Protocol) Servers

• Telecom systems at -48V

• Negative Power Supply Control

• +24V Wireless Base Station Power




Similar Part No. - ISL6142

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - ISL6142

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
Negative Voltage Hot Plug Controller
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
Negative Voltage Hot Plug Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com