Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6308A Datasheet (PDF) - Renesas Technology Corp

ISL6308A Datasheet PDF - Renesas Technology Corp
Part # ISL6308A
Download  ISL6308A Download
File Size   1266.24 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

ISL6308A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6308A Datasheet PDF - Renesas Technology Corp

Part # ISL6308A
Download  ISL6308A Click to download

File Size   1266.24 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

ISL6308A Datasheet (HTML) - Renesas Technology Corp


ISL6308A Product details

Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

The ISL6308A is a three-phase PWM control IC with integrated MOSFET drivers. It provides a precision voltage regulation system for multiple applications including, but not limited to, high current low voltage point-of-load converters, embedded applications and other general purpose low voltage medium to high current applications.The integration of power MOSFET drivers into the controller IC marks a departure from the separate PWM controller and driver configuration of previous multi-phase product families. By reducing the number of external parts, this integration allows for a cost and space saving power management solution.

Features
• Integrated Multi-Phase Power Conversion
    - 1-, 2-, or 3-Phase Operation
• Precision Output Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.8% System Accuracy Over-Temperature
    (for REF=0.6V and 0.9V)
    - ±0.5% System Accuracy Over-Temperature
    (for REF=1.2V and 1.5V)
    - Usable for Output Voltages not Exceeding 2.3V
    - Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
    - Uses Loss-Less rDS(ON) Current Sampling
• Optional Load Line (Droop) Programming
    - Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate-Drive Bias - 5V to 12V
• Internal or External Reference Voltage Setting
    - On-Chip Adjustable Fixed DAC Reference Voltage with
    2-bit Logic Input Selects from Four Fixed Reference
    Voltages (0.6V, 0.9V, 1.2V, 1.5V)
    - Reference can be Changed Dynamically
    - Can use an External Voltage Reference
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
    - OVP Pin to Drive Optional Crowbar Device
• Selectable Operation Frequency up to 1.5MHz per Phase
• Digital Soft-Start
• Capable of Start-up in a Pre-Biased Load
• Pb-Free (RoHS Compliant)

Applications
• High Current DDR/Chipset Core Voltage Regulators
• High Current, Low Voltage DC/DC Converters
• High Current, Low Voltage FPGA/ASIC DC/DC Converters




Similar Part No. - ISL6308A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6308A INTERSIL-ISL6308A Datasheet
660Kb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
September 9, 2008
ISL6308ACRZ INTERSIL-ISL6308ACRZ Datasheet
660Kb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
September 9, 2008
ISL6308AEVAL1Z INTERSIL-ISL6308AEVAL1Z Datasheet
660Kb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
September 9, 2008
ISL6308AIRZ INTERSIL-ISL6308AIRZ Datasheet
660Kb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
September 9, 2008
More results


Similar Description - ISL6308A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6308 INTERSIL-ISL6308 Datasheet
765Kb / 27P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
October 19, 2005
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
October 19, 2005
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
December 12, 2006
ISL8103 INTERSIL-ISL8103 Datasheet
770Kb / 27P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
February 15, 2006
ISL6308A INTERSIL-ISL6308A Datasheet
660Kb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
September 9, 2008
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
August 7, 2008
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8103 RENESAS-ISL8103 Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6308 RENESAS-ISL6308 Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com