Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6310 Datasheet (PDF) - Renesas Technology Corp

ISL6310 Datasheet PDF - Renesas Technology Corp
Part # ISL6310
Download  ISL6310 Download
File Size   1190.71 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

ISL6310 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6310 Datasheet PDF - Renesas Technology Corp

Part # ISL6310
Download  ISL6310 Click to download

File Size   1190.71 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

ISL6310 Datasheet (HTML) - Renesas Technology Corp


ISL6310 Product details

Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

The ISL6310 is a two-phase PWM control IC with integrated MOSFET drivers. It provides a precision voltage regulation system for multiple applications including, but not limited to, high current low voltage point-of-load converters, embedded applications and other general purpose low voltage medium to high current applications. The integration of power MOSFET drivers into the controller IC marks a departure from the separate PWM controller and driver configuration of previous multi-phase product families. By reducing the number of external parts, this integration allows for a cost and space saving power management solution.

Features
• Integrated Multi-Phase Power Conversion
    - 1 or 2-Phase Operation
• Precision Output Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.8% System Accuracy Over-Temperature
    (for REF = 0.6V and 0.9V)
    - ±0.5% System Accuracy Over-Temperature
    (for REF=1.2V and 1.5V)
    - Usable for Output Voltages not Exceeding 2.3V
    - Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
    - Uses Loss-Less rDS(ON) Current Sampling
• Optional Load Line (Droop) Programming
    - Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate-Drive Bias - 5V to 12V
• Internal or External Reference Voltage Setting
    - On-Chip Adjustable Fixed DAC Reference Voltage with
    2-bit Logic Input Selects from Four Fixed Reference
    Voltages (0.6V, 0.9V, 1.2V, 1.5V)
    - Reference can be Changed Dynamically
    - Can use an External Voltage Reference
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
    - OVP Pin to Drive Optional Crowbar Device
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Digital Soft-Start
• Capable of Start-up in a Pre-Biased Load
• Pb-Free (RoHS Compliant)

Applications
• High Current DDR/Chipset core voltage regulators
• High Current, Low voltage DC/DC converters
• High Current, Low voltage FPGA/ASIC DC/DC converters




Similar Part No. - ISL6310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
639Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
December 12, 2006
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
August 7, 2008
ISL6310CRZ INTERSIL-ISL6310CRZ Datasheet
639Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
December 12, 2006
ISL6310CRZ INTERSIL-ISL6310CRZ Datasheet
593Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
August 7, 2008
ISL6310EVAL1Z INTERSIL-ISL6310EVAL1Z Datasheet
639Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
December 12, 2006
More results


Similar Description - ISL6310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
October 19, 2005
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
February 10, 2006
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
December 12, 2006
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
August 7, 2008
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com