Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24257 Datasheet (PDF) - Xicor Inc.

X24257 Datasheet PDF - Xicor Inc.
Part # X24257
Download  X24257 Download
File Size   502.82 Kbytes
Page   19 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 400kHz 2-Wire Serial EEPROM with Block Lock

X24257 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24257 Datasheet PDF - Xicor Inc.

Part # X24257
Download  X24257 Click to download

File Size   502.82 Kbytes
Page   19 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 400kHz 2-Wire Serial EEPROM with Block Lock

X24257 Datasheet (HTML) - Xicor Inc.


X24257 Product details

DESCRIPTION

The X24257 is a CMOS Serial EEPROM, internally organized 32K x 8. The device features a serial inter face and software protocol allowing operation on a simple two wire bus.

Three device select inputs (S0–S1) allow up to four devices to share a common two wire bus.



FEATURES

• Save critical data with programmable block lock protection

   —Block lock (first page, first 2 pages, first 4 pages, first 8 pages, 1/4, 1/2, or all of EEPROM array)

   —Software write protection

   —Programmable hardware write protect

• In circuit programmable ROM mode

• 400kHz 2-wire serial interface

   —Schmitt trigger input noise suppression

   —Output slope control for ground bounce noise elimination

• Longer battery life with lower power

   —Active read current less than 1µA

   —Active write current less than 3µA

   —Standby current less than 1µA

• 2.5V to 5.5V power supply

• 64-byte page write mode

   —Minimizes total write time per word

• Internally organized 32K x 8

• Bidirectional data transfer protocol

• Self-timed write cycle

   —Typical write cycle time of 5ms

• High reliability

   —Endurance: 100,000 cycles

   —Data retention: 100 years

• 8-lead XBGA, 8-lead SOIC, 14-lead TSSOP



 




Similar Part No. - X24257

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X242 ETC1-X242 Datasheet
67Kb / 1P
X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Connor-Winfield Corpora...
X242-133.33M CONNOR-WINFIELD-X242-133.33M Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
logo
List of Unclassifed Man...
X242-883B ETC1-X242-883B Datasheet
67Kb / 1P
X200 SERIES (CMOS) STANDARD SPECFITIONS
More results


Similar Description - X24257

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24320 XICOR-X24320 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
2-Wire Serial EEPROM
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com