Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24165 Datasheet (PDF) - Xicor Inc.

X24165 Datasheet PDF - Xicor Inc.
Part # X24165
Download  X24165 Download
File Size   79.66 Kbytes
Page   17 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Advanced 2-Wire Serial E2PROM with Block Lock Protection

X24165 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24165 Datasheet PDF - Xicor Inc.

Part # X24165
Download  X24165 Click to download

File Size   79.66 Kbytes
Page   17 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Advanced 2-Wire Serial E2PROM with Block Lock Protection

X24165 Datasheet (HTML) - Xicor Inc.


X24165 Product details

DESCRIPTION
The X24165 is a CMOS 16,384 bit serial E2PROM, internally organized 2048 x 8. The X24165 features a serial interface and software protocol allowing operation on a simple two wire bus.

FEATURES
• 2.7V to 5.5V Power Supply
• Low Power CMOS
   —Active Read Current Less Than 1mA
   —Active Write Current Less Than 3mA
   —Standby Current Less Than 1µA
• Internally Organized 2048 x 8
• New Programmable Block Lock Protection
   —Software Write Protection
   —Programmable Hardware Write Protect
• Block Lock (0, 1/4, 1/2, or all of the E2PROM array)
• 2 Wire Serial Interface
• Bidirectional Data Transfer Protocol
• 32 Byte Page Write Mode
   —Minimizes Total Write Time Per Byte
• Self Timed Write Cycle
   —Typical Write Cycle Time of 5ms
• High Reliability
   —Endurance: 100,000 Cycles
   —Data Retention: 100 Years
• Available Packages
   —8-Lead PDIP
   —8-Lead SOIC (JEDEC)
   —14-Lead TSSOP




Similar Part No. - X24165

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165F ICMIC-X24165F Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165FG ICMIC-X24165FG Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165FP ICMIC-X24165FP Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165FV ICMIC-X24165FV Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
More results


Similar Description - X24165

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24645 XICOR-X24645 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25640 XICOR-X25640 Datasheet
64Kb / 14P
Advanced SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
5MHz SPI Serial E2PROM with Block Lock Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com