Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24165FP Datasheet (PDF) - IC MICROSYSTEMS

X24165FP Datasheet PDF - IC MICROSYSTEMS
Part # X24165FP
Download  X24165FP Download
File Size   291.24 Kbytes
Page   17 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Advanced 2-Wire Serial E2PROM with Block LockTM Protection

X24165FP Datasheet (PDF)

Go To PDF Page Download Datasheet
X24165FP Datasheet PDF - IC MICROSYSTEMS

Part # X24165FP
Download  X24165FP Click to download

File Size   291.24 Kbytes
Page   17 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Advanced 2-Wire Serial E2PROM with Block LockTM Protection

X24165FP Datasheet (HTML) - IC MICROSYSTEMS


X24165FP Product details

DESCRIPTION
The X24165 is a CMOS 16,384 bit serial E2PROM, internally organized 2048 x 8. The X24165 features a serial interface and software protocol allowing operation on a simple two wire bus.

FEATURES
• 2.7V to 5.5V Power Supply
• Low Power CMOS
   —Active Read Current Less Than 1mA
   —Active Write Current Less Than 3mA
   —Standby Current Less Than 1∝A
• Internally Organized 2048 x 8
• New Programmable Block Lock Protection
   —Software Write Protection
   —Programmable Hardware Write Protect
• Block Lock (0, 1/4, 1/2, or all of the E2PROM array)
• 2 Wire Serial Interface
• Bidirectional Data Transfer Protocol
• 32 Byte Page Write Mode
   —Minimizes Total Write Time Per Byte
• Self Timed Write Cycle
   —Typical Write Cycle Time of 5ms
• High Reliability
   —Endurance: 100,000 Cycles
   —Data Retention: 100 Years
• Available Packages
   —8-Lead PDIP
   —8-Lead SOIC (JEDEC)
   —14-Lead TSSOP




Similar Part No. - X24165FP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165P XICOR-X24165P Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165P-2.7 XICOR-X24165P-2.7 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165PI XICOR-X24165PI Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165PI-2.7 XICOR-X24165PI-2.7 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
More results


Similar Description - X24165FP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25640 XICOR-X25640 Datasheet
64Kb / 14P
Advanced SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com