Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25040 Datasheet (PDF) - Xicor Inc.

X25040 Datasheet PDF - Xicor Inc.
Part # X25040
Download  X25040 Download
File Size   61.43 Kbytes
Page   14 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SPI Serial E2PROM with Block LockTM Protection

X25040 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25040 Datasheet PDF - Xicor Inc.

Part # X25040
Download  X25040 Click to download

File Size   61.43 Kbytes
Page   14 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SPI Serial E2PROM with Block LockTM Protection

X25040 Datasheet (HTML) - Xicor Inc.


X25040 Product details

DESCRIPTION

The X25040 is a CMOS 4096-bit serial E2PROM, internally organized as 512 x 8. The X25040 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple three-wire bus. The bus signals are a clock input (SCK) plus separate data in (SI) and data out (SO) lines.



FEATURES

• 1MHz Clock Rate

• SPI Modes (0,0 & 1,1)

• 512 X 8 Bits

    —4 Byte Page Mode

• Low Power CMOS

    —150µA Standby Current

    —3mA Active Current

• 2.7V To 5.5V Power Supply

• Block Lock Protection

    —Protect 1/4, 1/2 or all of E2PROM Array

• Built-in Inadvertent Write Protection

    —Power-Up/Power-Down protection circuitry

    —Write Latch

    —Write Protect Pin

• Self-Timed Write Cycle

    —5ms Write Cycle Time (Typical)

• High Reliability

    —Endurance: 100,000 cycles per byte

    —Data Retention: 100 Years

    —ESD protection: 2000V on all pins

• 8-Lead PDlP Package

• 8-Lead SOIC Package




Similar Part No. - X25040

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040D ICMIC-X25040D Datasheet
117Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040DG ICMIC-X25040DG Datasheet
117Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040DP ICMIC-X25040DP Datasheet
117Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040E ICMIC-X25040E Datasheet
117Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
More results


Similar Description - X25040

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com