Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25320 Datasheet (PDF) - Xicor Inc.

X25320 Datasheet PDF - Xicor Inc.
Part # X25320
Download  X25320 Download
File Size   70.44 Kbytes
Page   15 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SPI Serial E2PROM With Block LockTM Protection

X25320 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25320 Datasheet PDF - Xicor Inc.

Part # X25320
Download  X25320 Click to download

File Size   70.44 Kbytes
Page   15 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SPI Serial E2PROM With Block LockTM Protection

X25320 Datasheet (HTML) - Xicor Inc.


X25320 Product details

DESCRIPTION
The X25320 is a CMOS 32768-bit serial E2PROM, internally organized as 4K x 8. The X25320 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple three-wire bus. The bus signals are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any number of devices to share the same bus.

FEATURES
• 2MHz Clock Rate
• SPI Modes (0,0 & 1,1)
• 4K X 8 Bits
    —32 Byte Page Mode
• Low Power CMOS
    —<1µA Standby Current
    —<5mA Active Current During Write
• 2.7V To 5.5V Power Supply
• Block Lock Protection
    —Protect 1/4, 1/2 or all of E2PROM Array
• Built-in Inadvertent Write Protection
    —Power-Up/Power-Down protection circuitry
    —Write Enable Latch
    —Write Protect Pin
• Self-Timed Write Cycle
    —5ms Write Cycle Time (Typical)
• High Reliability
    —Endurance: 100,000 cycles
    —Data Retention: 100 Years
    —ESD protection: 2000V on all pins
• 8-Lead PDlP Package
• 8-Lead SOIC Package
• 14-Lead TSSOP Package




Similar Part No. - X25320

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320F ICMIC-X25320F Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320FG ICMIC-X25320FG Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320FP ICMIC-X25320FP Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320FV ICMIC-X25320FV Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
More results


Similar Description - X25320

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com