Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24645 Datasheet (PDF) - IC MICROSYSTEMS

X24645 Datasheet PDF - IC MICROSYSTEMS
Part # X24645
Download  X24645 Download
File Size   317.37 Kbytes
Page   18 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Advanced 2-Wire Serial E2PROM with Block LockTM Protection

X24645 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24645 Datasheet PDF - IC MICROSYSTEMS

Part # X24645
Download  X24645 Click to download

File Size   317.37 Kbytes
Page   18 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Advanced 2-Wire Serial E2PROM with Block LockTM Protection

X24645 Datasheet (HTML) - IC MICROSYSTEMS


X24645 Product details

DESCRIPTION

The X24645 is a CMOS 65,536-bit serial E2PROM, internally organized 8192 x 8. The X24645 features a serial interface and software protocol allowing operation on a simple two wire bus.

Two device select inputs (S1, S2) allow up to four devices to share a common two wire bus.

A Write Protect Register at the highest address location, 1FFFh, provides three new write protection features: Software Write Protect, Block Write Protect, and Hardware Write Protect. The Software Write Protect feature prevents any nonvolatile writes to the X24645 until the WEL bit in the write protect register is set. The Block Write Protection feature allows the user to individually write protect four blocks of the array by programming two bits in the write protect register. The Programmable Hardware Write Protect feature allows the user to install the X24645 with WP tied to VCC, program the entire memory array in place, and then enable the hardware write protection by programming a WPEN bit in the write protect register. After this, selected blocks of the array, including the write protect register itself, are permanently write protected, as long as WP remains HIGH.



FEATURES

• 2.7V to 5.5V Power Supply

• Low Power CMOS

    —Active Read Current Less Than 1mA

    —Active Write Current Less Than 3mA

    —Standby Current Less Than 1∝A

• Internally Organized 8192 x 8

• New Programmable Block Lock Protection

    —Software Write Protection

    —Programmable hardware Write Protect

• Block Lock (0, 1/4, 1/2, or all of the E2PROM array)

• 2 Wire Serial Interface

• Bidirectional Data Transfer Protocol

• 32 Byte Page Write Mode

    —Minimizes Total Write Time Per Byte

• Self Timed Write Cycle

    —Typical Write Cycle Time of 5ms

• High Reliability

    —Endurance: 100,000 Cycles

    —Data Retention: 100 Years

• Available Packages

    —8-Lead PDIP

    —8-Lead SOIC (JEDEC)

    —14-Lead SOIC (JEDEC)

    —20-Lead TSSOP



 




Similar Part No. - X24645

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24645 XICOR-X24645 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645P XICOR-X24645P Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645P-2.7 XICOR-X24645P-2.7 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645PI XICOR-X24645PI Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645PI-2.7 XICOR-X24645PI-2.7 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Similar Description - X24645

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25640 XICOR-X25640 Datasheet
64Kb / 14P
Advanced SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com