Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25650 Datasheet (PDF) - IC MICROSYSTEMS

X25650 Datasheet PDF - IC MICROSYSTEMS
Part # X25650
Download  X25650 Download
File Size   134.37 Kbytes
Page   14 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 5MHz SPI Serial E2PROM with Block Lock Protection

X25650 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25650 Datasheet PDF - IC MICROSYSTEMS

Part # X25650
Download  X25650 Click to download

File Size   134.37 Kbytes
Page   14 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 5MHz SPI Serial E2PROM with Block Lock Protection

X25650 Datasheet (HTML) - IC MICROSYSTEMS


X25650 Product details

DESCRIPTION
The X25650 is a CMOS 65,536-bit serial E2PROM, internally organized as 8K x 8. The X25650 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple three-wire bus. The bus signals are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any number of devices to share the same bus.

FEATURES
• 5MHz Clock Rate
• Low Power CMOS
    <1µA Standby Current
    <5mA Active Current
• 2.5V To 5.5V Power Supply
• SPI Modes (0,0 & 1,1)
• 8K X 8 Bits
    32 Byte Page Mode
• Block Lock™ Protection
    Protect 1/4, 1/2 or all of E2PROM Array
• Programmable Hardware Write Protection
    In-Circuit Programmable ROM Mode
• Built-in Inadvertent Write Protection
    Power-Up/Down protection circuitry
    Write Enable Latch
    Write Protect Pin
• Self-Timed Write Cycle
    5ms Write Cycle Time (Typical)
• High Reliability
    Endurance: 100,000 cycles
    Data Retention: 100 Years
    ESD protection: 2000V on all pins
• Packages
    8-Lead SOIC
    20-Lead TSSOP




Similar Part No. - X25650

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25650 XICOR-X25650 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650S8 XICOR-X25650S8 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650S8-2.5 XICOR-X25650S8-2.5 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650S8I XICOR-X25650S8I Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650S8I-2.5 XICOR-X25650S8I-2.5 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
More results


Similar Description - X25650

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25138 XICOR-X25138 Datasheet
88Kb / 18P
5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
5MHz SPI Serial E2 PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
5MHz SPI Serial E 2 PROM with Block Lock ??Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com