Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6422 Datasheet (PDF) - Renesas Technology Corp

ISL6422 Datasheet PDF - Renesas Technology Corp
Part # ISL6422
Download  ISL6422 Download
File Size   843.24 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs

ISL6422 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6422 Datasheet PDF - Renesas Technology Corp

Part # ISL6422
Download  ISL6422 Click to download

File Size   843.24 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs

ISL6422 Datasheet (HTML) - Renesas Technology Corp


ISL6422 Product details

Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs

The ISL6422 is a highly integrated voltage regulator and interface IC, specifically designed for supplying power and control signals from advanced satellite set-top box (STB) modules to the low noise blocks (LNBs) of two antenna ports. The device is consists of two independent current-mode boost PWMs and two low-noise linear regulators along with the circuitry required for 22kHz tone generation, modulation and I2C device interface. The device makes the total LNB supply design simple, efficient and compact with low external component count.

Features
• Single Chip Power Solution
    - True Dual Operation for 2-Tuner/2-Dish Applications
    - Both Outputs May be Enabled Simultaneously at Maximum Power
    - Integrated DC/DC Converter and I2C Interface
• Switch-Mode Power Converter for Lowest Dissipation
    - Boost PWMs with >92% Efficiency
    - Selectable 13.3V or 18.3V Outputs
    - Digital Cable Length Compensation (1V)
    - I2C and Pin controllable output
• Output Back Bias Capability of 28V
• I2C Compatible Interface for Remote Device Control
• Four level Slave Address 0001 00XX
• 2.5V, 3.3V, 5V Logic Compatible
• External Pins to Toggle between V and H Polarization.
• Supports DiSEqC 2.0 Protocol
• Built-In Tone Oscillator Factory Trimmed to 22kHz
    - Facilitates DiSEqC (EUTELSAT) Encoding
    - External Modulation Input
• Internal Over-Temperature Protection and Diagnostics
• Internal OV, UV, Overload and Overtemp Flags (Visible on I2C)
• FLT Signal
• LNB Short-Circuit Protection and Diagnostics
• QFN, EPTSSOP Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• LNB Power Supply and Control for Satellite Set-Top Box




Similar Part No. - ISL6422

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
August 10, 2007
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6422B INTERSIL-ISL6422B Datasheet
394Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
293Kb / 18P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
August 10, 2007
More results


Similar Description - ISL6422

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6405 INTERSIL-ISL6405 Datasheet
233Kb / 13P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
July 2004
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
July 2004
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 13, 2005
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
August 10, 2007
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com