Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet (PDF) - Intersil Corporation

ISL6421 Datasheet PDF - Intersil Corporation
Part # ISL6421
Download  ISL6421 Download
File Size   261.56 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs

ISL6421 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6421 Datasheet PDF - Intersil Corporation

Part # ISL6421
Download  ISL6421 Click to download

File Size   261.56 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs

ISL6421 Datasheet (HTML) - Intersil Corporation


ISL6421 Product details

Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs

The ISL6421 is a highly integrated solution for supplying power and control signals from advanced satellite set-top box (STB) modules to the low noise block (LNB). This device is comprised of a current-mode boost PWM and a low-noise linear regulator, along with the circuitry required for I2C device interfacing and for providing DiSEqCTM standard control signals to the LNB.

Features
• Switch-Mode Power Converter for Lowest Dissipation
    - Boost PWM with >92% Efficiency
    - Selectable 13V or 18V Outputs
    - Digital Cable Length Compensation (1V)
• External Pin to Select 13V/18V Options
• I2C Compatible Interface for Remote Device Control
    - Registered Slave Address 0001 00XX
    - Fully Functional 3.3V, 5V Operation up to 400kHz
• Built-In Tone Oscillator Factory Trimmed to 22kHz
    - Facilitates DiSEqC (EUTELSAT) Encoding
• Internal Over-Temperature Protection and Diagnostics
• Internal Overload and Overtemp Flags (Visible on I2C)
• LNB Short-Circuit Protection and Diagnostics
• QFN Package
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Product Outline
    - Near Chip-Scale Package Footprint
• Pb-free available

Applications
• LNB Power Supply and Control for Satellite Set-Top Box




Similar Part No. - ISL6421

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
ISL6421A INTERSIL-ISL6421A Datasheet
417Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421AER INTERSIL-ISL6421AER Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
More results


Similar Description - ISL6421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
ISL6425 INTERSIL-ISL6425 Datasheet
285Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 8, 2005
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6421A INTERSIL-ISL6421A_06 Datasheet
417Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com