Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6421 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6421 Datasheet HTML 1Page - Intersil Corporation ISL6421 Datasheet HTML 2Page - Intersil Corporation ISL6421 Datasheet HTML 3Page - Intersil Corporation ISL6421 Datasheet HTML 4Page - Intersil Corporation ISL6421 Datasheet HTML 5Page - Intersil Corporation ISL6421 Datasheet HTML 6Page - Intersil Corporation ISL6421 Datasheet HTML 7Page - Intersil Corporation ISL6421 Datasheet HTML 8Page - Intersil Corporation ISL6421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Pinout
ISL6421ER (32 LEAD 5X5 QFN)
TOP VIEW
Typical Application Schematic
PGND
NC
SGND
SEL18V
NC
BYPASS
PGND
GATE
CPSWOUT
NC
NC
NC
AGND
VOUT
DSQIN
TCAP
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
910
11
12
13
14
15
16
VIN = 8V TO 14V
C4
1
µF
C2
56
µF
C1
1
µF
Q1
FDS6612A
VOUT
C5
C8
ISL6421
VCC
SGND
GATE
CS
PGND
COMP
FB
VSW
VOUT
DSQIN
TCAP
AGND
BYPASS
CPSWIN
CPSWOUT
CPVOUT
+
D1
STPS2L40U
C7
+ C3
56
µF
L1
33
µH
R1
0.1
R3
C6
SCL
SDA
ADDR
C9
C10
C11
C11
R2
SEL18V
ISL6421



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com