Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6421 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6421 Datasheet HTML 1Page - Intersil Corporation ISL6421 Datasheet HTML 2Page - Intersil Corporation ISL6421 Datasheet HTML 3Page - Intersil Corporation ISL6421 Datasheet HTML 4Page - Intersil Corporation ISL6421 Datasheet HTML 5Page - Intersil Corporation ISL6421 Datasheet HTML 6Page - Intersil Corporation ISL6421 Datasheet HTML 7Page - Intersil Corporation ISL6421 Datasheet HTML 8Page - Intersil Corporation ISL6421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
Single Output LNB Supply and Control
Voltage Regulator with I2C Interface for
Advanced Satellite Set-top Box Designs
The ISL6421 is a highly integrated solution for supplying
power and control signals from advanced satellite set-top
box (STB) modules to the low noise block (LNB). This device
is comprised of a current-mode boost PWM and a low-noise
linear regulator, along with the circuitry required for I2C
device interfacing and for providing DiSEqCTM standard
control signals to the LNB.
A regulated output voltage is available at the output terminal
(VOUT) to support the operation of the antenna port in
advanced satellite STB applications. The regulated output
may be set to either 13V or 18V by use of the voltage select
command (VSEL) through the I2C bus. Additionally, to
compensate for the voltage drop in the coaxial cable, the
voltage may be increased by 1V with the line length
compensation (LLC) feature. An enable command sent on
the I2C bus provides standby mode control for the PWM and
linear combination, disabling the output to conserve power.
A current-mode boost converter provides the linear regulator
with an input voltage that is set to the required output
voltage, plus 1.2V (typ.) to insure minimum power
dissipation. This maintains a constant voltage drop across
the linear pass element, while permitting an adequate
voltage range for tone injection.
The device is capable of providing 450mA (typ.).
Features
• Switch-Mode Power Converter for Lowest Dissipation
- Boost PWM with >92% Efficiency
- Selectable 13V or 18V Outputs
- Digital Cable Length Compensation (1V)
• External Pin to Select 13V/18V Options
•I2C Compatible Interface for Remote Device Control
- Registered Slave Address 0001 00XX
- Fully Functional 3.3V, 5V Operation up to 400kHz
• Built-In Tone Oscillator Factory Trimmed to 22kHz
- Facilitates DiSEqC (EUTELSAT) Encoding
• Internal Over-Temperature Protection and Diagnostics
• Internal Overload and Overtemp Flags (Visible on I2C)
• LNB Short-Circuit Protection and Diagnostics
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Product Outline
- Near Chip-Scale Package Footprint
• Pb-free available
Applications
• LNB Power Supply and Control for Satellite Set-Top Box
References
• Tech Brief 389 (TB389) - “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”; Available
on the Intersil website, www.intersil.com
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
ISL6421ER
-20 to 85
32 Ld 5x5 QFN L32.5x5
ISL6421ER-T
32 Ld 5x5 QFN Tape and Reel
L32.5x5
ISL6421ERZ
(See Note)
-20 to 85
32 Ld 5x5 QFN
(Pb-free)
L32.5x5
ISL6421ERZ-T
(See Note)
32 Ld 5x5 QFN Tape and Reel
(Pb-free)
L32.5x5
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
FN9130.1
ISL6421
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2004. All Rights Reserved


Similar Part No. - ISL6421

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
ISL6421A INTERSIL-ISL6421A Datasheet
417Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421AER INTERSIL-ISL6421AER Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
More results

Similar Description - ISL6421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
ISL6425 INTERSIL-ISL6425 Datasheet
285Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 8, 2005
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6421A INTERSIL-ISL6421A_06 Datasheet
417Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com