Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet (PDF) - Renesas Technology Corp

ISL6421 Datasheet PDF - Renesas Technology Corp
Part # ISL6421
Download  ISL6421 Download
File Size   548.87 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for

ISL6421 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6421 Datasheet PDF - Renesas Technology Corp

Part # ISL6421
Download  ISL6421 Click to download

File Size   548.87 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for

ISL6421 Datasheet (HTML) - Renesas Technology Corp


ISL6421 Product details

Features
• Switch-Mode Power Converter for Lowest Dissipation
- Boost PWM with >92% Efficiency
- Selectable 13V or 18V Outputs
- Digital Cable Length Compensation (1V)
• External Pin to Select 13V/18V Options
• I2C Compatible Interface for Remote Device Control
- Registered Slave Address 0001 00XX
- Fully Functional 3.3V, 5V Operation up to 400kHz
• Built-In Tone Oscillator Factory Trimmed to 22kHz
- Facilitates DiSEqC (EUTELSAT) Encoding
• Internal Over-Temperature Protection and Diagnostics
• Internal Overload and Overtemp Flags (Visible on I2C)
• LNB Short-Circuit Protection and Diagnostics
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Product Outline
- Near Chip-Scale Package Footprint
• Pb-free available
Applications
• LNB Power Supply and Control for Satellite Set-Top Box
References
• Tech Brief 389 (TB389) - “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”; Available
on the Intersil website, www.intersil.com




Similar Part No. - ISL6421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
July 2004
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
ISL6421A INTERSIL-ISL6421A Datasheet
417Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421AER INTERSIL-ISL6421AER Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
More results


Similar Description - ISL6421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface
January 28, 2011
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator
March 17, 2011
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
logo
Intersil Corporation
ISL9492ERZ INTERSIL-ISL9492ERZ Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
March 17, 2011
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
Single Output LNB Supply and Control Voltage Regulator
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
logo
Richtek Technology Corp...
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com