Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6421 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6421 Datasheet HTML 1Page - Renesas Technology Corp ISL6421 Datasheet HTML 2Page - Renesas Technology Corp ISL6421 Datasheet HTML 3Page - Renesas Technology Corp ISL6421 Datasheet HTML 4Page - Renesas Technology Corp ISL6421 Datasheet HTML 5Page - Renesas Technology Corp ISL6421 Datasheet HTML 6Page - Renesas Technology Corp ISL6421 Datasheet HTML 7Page - Renesas Technology Corp ISL6421 Datasheet HTML 8Page - Renesas Technology Corp ISL6421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN9130 Rev 1.00
Page 1 of 11
Jul 2004
FN9130
Rev 1.00
Jul 2004
ISL6421
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Advanced Satellite Set-top Box Designs
DATASHEET
The ISL6421 is a highly integrated solution for supplying
power and control signals from advanced satellite set-top
box (STB) modules to the low noise block (LNB). This device
is comprised of a current-mode boost PWM and a low-noise
linear regulator, along with the circuitry required for I2C
device interfacing and for providing DiSEqCTM standard
control signals to the LNB.
A regulated output voltage is available at the output terminal
(VOUT) to support the operation of the antenna port in
advanced satellite STB applications. The regulated output
may be set to either 13V or 18V by use of the voltage select
command (VSEL) through the I2C bus. Additionally, to
compensate for the voltage drop in the coaxial cable, the
voltage may be increased by 1V with the line length
compensation (LLC) feature. An enable command sent on
the I2C bus provides standby mode control for the PWM and
linear combination, disabling the output to conserve power.
A current-mode boost converter provides the linear regulator
with an input voltage that is set to the required output
voltage, plus 1.2V (typ.) to insure minimum power
dissipation. This maintains a constant voltage drop across
the linear pass element, while permitting an adequate
voltage range for tone injection.
The device is capable of providing 450mA (typ.).
Features
• Switch-Mode Power Converter for Lowest Dissipation
- Boost PWM with >92% Efficiency
- Selectable 13V or 18V Outputs
- Digital Cable Length Compensation (1V)
• External Pin to Select 13V/18V Options
•I2C Compatible Interface for Remote Device Control
- Registered Slave Address 0001 00XX
- Fully Functional 3.3V, 5V Operation up to 400kHz
• Built-In Tone Oscillator Factory Trimmed to 22kHz
- Facilitates DiSEqC (EUTELSAT) Encoding
• Internal Over-Temperature Protection and Diagnostics
• Internal Overload and Overtemp Flags (Visible on I2C)
• LNB Short-Circuit Protection and Diagnostics
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Product Outline
- Near Chip-Scale Package Footprint
• Pb-free available
Applications
• LNB Power Supply and Control for Satellite Set-Top Box
References
• Tech Brief 389 (TB389) - “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”; Available
on the Intersil website, www.intersil.com
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
ISL6421ER
-20 to 85
32 Ld 5x5 QFN L32.5x5
ISL6421ER-T
32 Ld 5x5 QFN Tape and Reel
L32.5x5
ISL6421ERZ
(See Note)
-20 to 85
32 Ld 5x5 QFN
(Pb-free)
L32.5x5
ISL6421ERZ-T
(See Note)
32 Ld 5x5 QFN Tape and Reel
(Pb-free)
L32.5x5
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.


Similar Part No. - ISL6421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
July 2004
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
ISL6421A INTERSIL-ISL6421A Datasheet
417Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421AER INTERSIL-ISL6421AER Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
More results

Similar Description - ISL6421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface
January 28, 2011
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator
March 17, 2011
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
logo
Intersil Corporation
ISL9492ERZ INTERSIL-ISL9492ERZ Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
March 17, 2011
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
Single Output LNB Supply and Control Voltage Regulator
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
logo
Richtek Technology Corp...
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com