Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6421 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6421 Datasheet HTML 1Page - Renesas Technology Corp ISL6421 Datasheet HTML 2Page - Renesas Technology Corp ISL6421 Datasheet HTML 3Page - Renesas Technology Corp ISL6421 Datasheet HTML 4Page - Renesas Technology Corp ISL6421 Datasheet HTML 5Page - Renesas Technology Corp ISL6421 Datasheet HTML 6Page - Renesas Technology Corp ISL6421 Datasheet HTML 7Page - Renesas Technology Corp ISL6421 Datasheet HTML 8Page - Renesas Technology Corp ISL6421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISL6421
FN9130 Rev 1.00
Page 5 of 11
Jul 2004
LINEAR REGULATOR
Drop-out Voltage
Iout = 450mA (Note 4)
-
1.2
-
V
DSQIN PIN
DSQIN pin logic Low
-
-
1.5V
V
DSQIN pin Logic HIGH
3.5
-
-
V
DSQIN pin Input Current
-1-
A
CURRENT SENSE
Current Limiting Threshold (max. input)
150
200
250
mV
Input Bias Current
IBIAS
-
700
-
nA
Over Current Threshold
Static current mode, DCL = H
325
400
500
mV
ERROR AMPLIFIER
Open Loop Voltage Gain
AOL
(Note 4)
70
88
-
dB
Gain Bandwidth Product
GBP
(Note 4)
10
-
-
MHz
PWM
Maximum Duty Cycle
90
93
-
%
Minimum Pulse Width
(Note 4)
-
20
-
ns
OSCILLATOR
Oscillator Frequency
fo
Fixed at (10)(ftone)
200
220
240
kHz
THERMAL PROTECTION
Thermal Shutdown
Temperature Shutdown Threshold
(Note 4)
-
150
-
Temperature Shutdown Hysteresis
(Note 4)
-
20
-
NOTES:
3. Internal Digital Soft-start
4. Voltage programming signals VSEL and LLC are implemented via the I2C bus.
IO = 450mA.
5. Guaranteed by Design.
Electrical Specifications
VCC = 12V, TA = -20oC to +85oC, unless otherwise noted. Typical values are at TA = 25oC. EN = H, LLC = L,
ENT = L, DCL = L, DSQIN = L, IOUT = 12mA, unless otherwise noted. See software description section for I2C
access to the system. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com