Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6421 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6421 Datasheet HTML 3Page - Renesas Technology Corp ISL6421 Datasheet HTML 4Page - Renesas Technology Corp ISL6421 Datasheet HTML 5Page - Renesas Technology Corp ISL6421 Datasheet HTML 6Page - Renesas Technology Corp ISL6421 Datasheet HTML 7Page - Renesas Technology Corp ISL6421 Datasheet HTML 8Page - Renesas Technology Corp ISL6421 Datasheet HTML 9Page - Renesas Technology Corp ISL6421 Datasheet HTML 10Page - Renesas Technology Corp ISL6421 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ISL6421
FN9130 Rev 1.00
Page 9 of 11
Jul 2004
Received Data (I2C Bus Read Mode)
The ISL6421 can provide to the master a copy of the System
Register information via the I2C bus in read mode. The read
mode is Master activated by sending the chip address with
R/W bit set to 1. At the following Master generated clock bits,
the ISL6421 issues a byte on the SDA data bus line (MSB
transmitted first).
At the ninth clock bit the MCU master can:
• Acknowledge the reception, starting in this way the
transmission of another byte from the ISL6421.
• Not acknowledge, stopping the read mode communication.
While the whole register is read back by the microprocessor,
only the two read-only bits, OLF and OTF, convey diagnostic
information about the ISL6421.
Power–On I2C Interface Reset
The I2C interface built into the ISL6421 is automatically reset
at power-on. The I2C interface block will receive a Power OK
logic signal from the UVLO circuit. This signal will go HIGH
when chip power is OK. As long as this signal is LOW, the
interface will not respond to any I2C commands and the
system register SR is initialized to all zeros, thus keeping the
power blocks disabled.
Once Vcc rises above the UVLO level, the POWER OK signal
given to the I2C interface block will be HIGH, the I2C interface
becomes operative and the SR can be configured by the main
microprocessor. About 400mV of hysteresis is provided in the
UVLO threshold to avoid false triggering of the Power-On reset
circuit.
(I2C comes up with EN = 0, EN goes HIGH at the same time as
(or later than) all other I2C data for the PWM becomes valid).
TABLE 5. SYSTEM REGISTER (SR1 AND SR2) CONFIGURATION
SR
DCL
ISEL1
ENT1
LLC1
VSEL1
EN1
OLF1
FUNCTION
0
1
0
0
1
SR1 is selected
0
1
0
0
1
Vout1 = 13V, Vboost1 = 13V + Vdrop
0
1
0
1
1
Vout1 = 18V, Vboost1 = 18V + Vdrop
0
1
1
0
1
Vout1 = 14V, Vboost1 = 14V + Vdrop
0
1
1
1
1
Vout1 = 19V, Vboost1 = 19V + Vdrop
0
1
0
1
22kHz tone is controlled by the DSQIN pin
0
1
1
1
22kHz tone is ON, the DSQIN input is disabled
0
1
1
1
Dynamic current limit NOT selected
0
0
1
1
Dynamic current limit selected
0
X
1
X
X
X
0
PWM and Linear for channel 1 disabled
SR
----
EN2
OTF
-
FUNCTION
1
X
X
X
X
0
X
X
SR2 is selected; to read OTF flag.
TABLE 6. READING SYSTEM REGISTERS
DCL ISEL ENT LLC VSEL EN OTF OLF
FUNCTION
These bits are read as they were
after the last write operation.
0
Tj <= 130°C, Normal
operation
1
Tj > 150°C, Power
blocks disabled
0
Iout < Imax, Normal
operation
1
Iout > Imax, Overload
protection triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com