Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6421 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6421 Datasheet HTML 3Page - Renesas Technology Corp ISL6421 Datasheet HTML 4Page - Renesas Technology Corp ISL6421 Datasheet HTML 5Page - Renesas Technology Corp ISL6421 Datasheet HTML 6Page - Renesas Technology Corp ISL6421 Datasheet HTML 7Page - Renesas Technology Corp ISL6421 Datasheet HTML 8Page - Renesas Technology Corp ISL6421 Datasheet HTML 9Page - Renesas Technology Corp ISL6421 Datasheet HTML 10Page - Renesas Technology Corp ISL6421 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL6421
FN9130 Rev 1.00
Page 7 of 11
Jul 2004
The programmed output voltage rise and fall times can be set
by an external capacitor. The output rise and fall times will be
approximately 3400 times the TCAP value. For the
recommended range of 0.47
F to 2.2F, the rise and fall time
would be 1.6ms to 7.6ms. Using a 0.47
F capacitor insures the
PWM stays below its overcurrent threshold when charging a
120
F VSW filter cap during the worst case 13V to 19V
transition. A typical value of 1.0
F is recommended. This
feature affects the programmed voltage rise and fall times.
Current Limiting (Only one ISEL option needed)
The current limiting block can operate either statically (simple
current clamp) or dynamically. The threshold is between
575mA and 950mA. When the DCL (Dynamic Current Limiting)
bit is set to LOW, the over current protection circuit works
dynamically. That is, as soon as an overload is detected, the
output is shutdown for a time tOFF, typically 900ms.
Simultaneously the overload flag (OLF) bit of the system
register is set to HIGH. After this time has elapsed, the output
is resumed for a time Ton = 20ms. During Ton, the device
output will be current limited to between 575mA and 950mA. At
the end of Ton, if the overload is still detected, the protection
circuit will cycle again through Toff and Ton. At the end of a full
Ton during which no overload is detected, normal operation is
resumed and the OLF bit is reset to LOW. Typical Ton+Toff
time is 920ms as determined by an internal timer. This dynamic
operation can greatly reduce the power dissipation in a short
circuit condition, still ensuring excellent power-on start-up in
most conditions.
However, there could be some cases in which a highly
capacitive load on the output may cause a difficult start-up,
when the dynamic protection is chosen. This can be solved by
initiating a power start-up in static mode (DCL = HIGH) and
then switching to the dynamic mode (DCL = LOW) after a
chosen amount of time. When in static mode, the OLF bit goes
HIGH when the current clamp limit is reached and returns
LOW when the overload condition is cleared. The OLF bit will
be LOW at the end of initial power-on soft-start.
Thermal Resistance
This IC is protected against overheating. When the junction
temperature exceeds 150°C (typical), the step-up converter
and the linear regulator are shut off and the overtemp flag
(OTF) bit of the SR is set HIGH. Normal operation is resumed
and the OTF bit is reset LOW, when the junction is cooled
down to 130°C (typical).
External Output Voltage Selection
The output voltage can be selected by the I2C bus.
Additionally, the QFN package offers a pin (SEL18V) for
independent 13V/18V output voltage selection. When using
this pin, the I2C bits should be initialized to 13V status.
I2C Bus Interface for ISL6421
(Refer to Philips I2C Specification, Rev. 2.1)
Data transmission from main microprocessor to the ISL6421
and vice versa takes place through the 2 wires I2C bus
interfaces, consisting of the two lines SDA and SCL. Both SDA
and SCL are bidirectional lines, connected to a positive supply
voltage via a pull up resistor. (Pull up resistors to positive
supply voltage must be externally connected). When the bus is
free, both lines are HIGH. The output stage of ISL6421 will
have an open drain/open collector in order to perform the
wired-AND function. Data on the I2C bus can be transferred up
to 100kbits/s in the standard-mode or up to 400kbits/s in the
fast-mode. The level of logic “0” and logic “1” is dependent of
associated value of Vdd as per electrical specification table.
One clock pulse is generated for each data bit transferred.
Data Validity
The data on the SDA line must be stable during the HIGH
period of the clock. The HIGH or LOW state of the data line can
only change when the clock signal on the SCL line is LOW.
Refer to Figure 1.
START and STOP Conditions
As shown in the Figure 2, START condition is a HIGH to LOW
transition of the SDA line, while SCL is HIGH. The STOP
condition is a LOW to HIGH transition on the SDA line, while
SCL is HIGH. A STOP condition must be sent before each
START condition.
Byte Format
TABLE 1.
I2C BITS
SEL18V
O/P VOLTAGE
13V
Low
13V
13V
High
18V
TABLE 1.
I2C BITS
SEL18V
O/P VOLTAGE
SDA
SCL
DATA LINE
STABLE
DATA VALID
CHANGE
OF DATA
ALLOWED
FIGURE 1. DATA VALIDITY
SDA
SCL
START
CONDITION
FIGURE 2. START AND STOP WAVEFORMS
STOP
CONDITION
SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com