Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6421 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6421 Datasheet HTML 2Page - Renesas Technology Corp ISL6421 Datasheet HTML 3Page - Renesas Technology Corp ISL6421 Datasheet HTML 4Page - Renesas Technology Corp ISL6421 Datasheet HTML 5Page - Renesas Technology Corp ISL6421 Datasheet HTML 6Page - Renesas Technology Corp ISL6421 Datasheet HTML 7Page - Renesas Technology Corp ISL6421 Datasheet HTML 8Page - Renesas Technology Corp ISL6421 Datasheet HTML 9Page - Renesas Technology Corp ISL6421 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL6421
FN9130 Rev 1.00
Page 6 of 11
Jul 2004
Functional Description
The ISL6421 single output voltage regulator makes an ideal
choice for advanced satellite set-top box and personal video
recorder applications. Both supply and control voltage outputs
for a low noise block (LNB) are available simultaneously in any
output configuration. The device utilizes a built-in DC/DC step-
converter that, from a single supply source ranging from 8V to
14V, generates the voltage that enables the linear post-
regulator to work with a minimum of dissipated power. An
under voltage lockout circuit disables the circuit when VCC
drops below a fixed threshold (7.5V typ).
DiSEqC Encoding
The internal oscillator is factory-trimmed to provide a tone of
22kHz in accordance with DISeqC standards. No further
adjustment is required. The 22kHz oscillator can be controlled
either by the I2C interface (ENT bit) or by a dedicated pin
(DSQIN) that allows immediate DiSEqC data encoding for the
LNB. All the functions of this IC are controlled via the I2C bus
by writing to the system registers (SR). The same registers can
be read back, and two bits will report the diagnostic status. The
internal oscillator operates the converters at ten times the tone
frequency. The device offers full I2C compatible functionality,
3.3V or 5V, and up to 400kHz operation.
If the Tone Enable (ENT) bit is set LOW through I2C, then the
DSQIN terminal activates the internal tone signal, modulating
the dc output with a 0.3V, 22kHz, symmetrical waveform. The
presence of this signal usually gives the LNB information about
the band to be received.
Burst coding of the 22kHz tone can be accomplished due to
the fast response of the DSQIN input and rapid tone response.
This allows implementation of the DiSEqC (EUTELSAT)
protocols.
When the ENT bit is set HIGH, a continuous 22kHz tone is
generated regardless of the DSQIN pin logic status. The ENT
bit must be set LOW when the DSQIN pin is used for DiSEqC
encoding.
Linear Regulator
The output linear regulator will sink and source current. This
feature allows full modulation capability into capacitive loads
as high as 0.25
F. In order to minimize the power dissipation,
the output voltage of the internal step-up converter is adjusted
to allow the linear regulator to work at minimum dropout.
When the device is put in the shutdown mode (EN = LOW),
the PWM power block is disabled. When the regulator block is
active (EN = HIGH), the output can be logic controlled to be
13V or 18V (typical) by means of the VSEL bit (Voltage Select)
for remote controlling of non-DiSEqC LNBs. Additionally, it is
possible to increment by 1V (typical) the selected voltage value
to compensate for the excess voltage drop along the coaxial
cable (LLC bit HIGH).
Output Timing
Functional Pin Description
SYMBOL
FUNCTION
SDA
Bidirectional data from/to I2C bus.
SCL
Clock from I2C bus.
VSW
Input of the linear post-regulator.
PGND
Dedicated ground for the output gate driver of the PWM.
CS
Current sense input; connect Rsc at this pin for desired over current value for the PWM.
SGND
Small signal ground for the IC.
AGND
Analog ground for the IC.
TCAP
Capacitor for setting rise and fall time of the output of the LNB. Use a capacitor value of 1µF or higher.
BYPASS
Bypass capacitor for internal 5V.
DSQIN
When HIGH this pin enables the internal 22kHz modulation for the LNB, Use this pin for tone enable function for
the LNB.
VCC
Main power supply to the chip.
GATE
This is the device output of the PWM. This high current driver output is capable of driving the gate of a power FET.
This output is actively held low when Vcc is below the UVLO threshold.
VOUT
Output voltage for the LNB.
ADDR
Address pin to select two different addresses per voltage level at this pin.
COMP
Error amp output used for compensation.
FB
Feedback pin for the PWM.
CPVOUT, CPSWIN, CPSWOUT Charge pump connections.
SEL18V
When connected HIGH, this pin will change the output of the PWM to 18V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com