Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6421 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6421 Datasheet HTML 3Page - Renesas Technology Corp ISL6421 Datasheet HTML 4Page - Renesas Technology Corp ISL6421 Datasheet HTML 5Page - Renesas Technology Corp ISL6421 Datasheet HTML 6Page - Renesas Technology Corp ISL6421 Datasheet HTML 7Page - Renesas Technology Corp ISL6421 Datasheet HTML 8Page - Renesas Technology Corp ISL6421 Datasheet HTML 9Page - Renesas Technology Corp ISL6421 Datasheet HTML 10Page - Renesas Technology Corp ISL6421 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FN9130 Rev 1.00
Page 10 of 11
Jul 2004
ISL6421
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2003-2004. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
ADDRESS Pin
Connecting this pin to GND forces the chip I2C interface
address to 0001000; applying a voltage >2.7V forces the
address to 0001001, as shown below.
I2C Electrical Characteristics
TABLE 7. ADDRESS PIN CHARACTERISTICS
VADDR
MIN
TYP
MAX
Vaddr-1
“0001000”
0V
-
2.0V
Vaddr-2
“0001001”
2.7V
-
5.0V
TABLE 8. I2C SPECIFICATIONS
PARAMETER
TEST
CONDITION
MIN
TYP
MAX
Input Logic High,
VIH
SDA, SCL
0.7 x VDD
Input Logic Low,
VIL
SDA, SCL
0.3 x VDD
Input Logic
Current, IIL
SDA, SCL;
0.4V < Vin < 4.5V
10
A
SCL Clock
Frequency
0
100kHz
400kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com