Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6421 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6421 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6421 Datasheet HTML 1Page - Renesas Technology Corp ISL6421 Datasheet HTML 2Page - Renesas Technology Corp ISL6421 Datasheet HTML 3Page - Renesas Technology Corp ISL6421 Datasheet HTML 4Page - Renesas Technology Corp ISL6421 Datasheet HTML 5Page - Renesas Technology Corp ISL6421 Datasheet HTML 6Page - Renesas Technology Corp ISL6421 Datasheet HTML 7Page - Renesas Technology Corp ISL6421 Datasheet HTML 8Page - Renesas Technology Corp ISL6421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL6421
FN9130 Rev 1.00
Page 4 of 11
Jul 2004
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0V to 18.0V
Logic Input Voltage Range (SDA, SCL, ENT) . . . . . . . . -0.5V to 7V
Output Current . . . . . . . . . . . . . . . . . . . . Externally/Internally Limited
Thermal Resistance
JA (oC/W) JC (oC/W)
QFN Package (Notes 1, 2). . . . . . . . . .
32
4
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -40oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
NOTE: The device junction temperature should be kept below
150oC. Thermal shut-down circuitry turns off the device if junction
temperature exceeds +150oC typically.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2.
For
JC, the “case temperature” location is the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
VCC = 12V, TA = -20oC to +85oC, unless otherwise noted. Typical values are at TA = 25oC. EN = H, LLC = L,
ENT = L, DCL = L, DSQIN = L, IOUT = 12mA, unless otherwise noted. See software description section for I2C
access to the system.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
812
14
V
Standby Supply Current
EN = L
-
1.5
3.0
mA
Supply Current
IIN
EN = LLC = VSEL = ENT = H, No Load
-
4.0
8.0
mA
UNDER VOLTAGE LOCKOUT
Start Threshold
7.5
-
7.95
V
Stop Threshold
7.0
-
7.55
V
Start to Stop Hysteresis
350
400
500
mV
SOFT START
COMP Rise Time (Note 2)
(Note 4)
-
1024
-
Cycles
OUTPUT VOLTAGE
Output Voltage (Note 3)
VOUT
VSEL = L, LLC = L
12.74
13.0
13.26
V
VOUT
VSEL = L, LLC = H
13.72
14.0
14.28
V
VOUT
VSEL = H, LLC = L
17.64
18.0
18.36
V
VOOU
VSEL = H, LLC = H
18.62
19.0
19.38
V
Line Regulation
DVOUT
VIN = 8V to 14V; VOUT = 13V
-
4.0
40.0
mV
VIN = 8V to 14V; VOUT = 18V
-
4.0
60.0
mV
Load Regulation
DVOUT
IO = 12mA to 450mA
-
50
80
mV
Dynamic Output Current Limiting
IMAX
DCL = L
575
-
950
mA
Dynamic Overload Protection Off Time
TOFF
DCL = L, Output Shorted (Note 4)
-
900
-
ms
Dynamic Overload Protection On Time
TON
-
20
-
ms
22kHz TONE
Tone Frequency
ftone
ENT = H
20.0
22.0
24.0
kHz
Tone Amplitude
Vtone
ENT = H
550
680
900
mV
Tone Duty Cycle
dctone
ENT = H
405060
%
Tone Rise or Fall Time
Tr, Tf
ENT = H
5
8
14
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com