Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6423 Datasheet (PDF) - Renesas Technology Corp

ISL6423 Datasheet PDF - Renesas Technology Corp
Part # ISL6423
Download  ISL6423 Download
File Size   709.32 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs DiSEqC 2.0 Compatible

ISL6423 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6423 Datasheet PDF - Renesas Technology Corp

Part # ISL6423
Download  ISL6423 Click to download

File Size   709.32 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs DiSEqC 2.0 Compatible

ISL6423 Datasheet (HTML) - Renesas Technology Corp


ISL6423 Product details

Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs DiSEqC 2.0 Compatible

The ISL6423 is a highly integrated voltage regulator and interface IC, specifically designed for supplying power and control signals from advanced satellite set-top box (STB) modules to the low noise blocks (LNBs) of single antenna ports. The device consists of a current-mode boost PWM and a low-noise linear regulator along with the circuitry required for 22kHz tone generation, modulation and I2C device interface. The device makes the total LNB supply design simple, efficient and compact with low external component count.

Features
• Single Chip Power solution
    - Operation for 1-Tuner/1-Dish Applications
    - Integrated DC/DC Converter and I2C Interface
• Switch-Mode Power Converter for Lowest Dissipation
    - Boost PWM with > 92% Efficiency
    - Selectable 13.3V or 18.3V Outputs
    - Digital Cable Length Compensation (1V)
    - I2C and Pin Controllable Output
• Output Back Bias Capability of 28V
• I2C Compatible Interface for Remote Device Control
• Registered Slave Address 0001 00XX
• 2.5V/3.3V/5V Logic Compatible
• External Pin to Toggle between V & H Polarization
• Built-In Tone Oscillator Factory Trimmed to 22kHz
    - Facilitates DiSEqC (EUTELSAT) Encoding
    - External Modulation Input
• Internal Over-Temperature Protection and Diagnostics
• Internal OV, UV, Overload and Overtemp Flags (Visible on I2C)
• FLT signal
• LNB Short-Circuit Protection and Diagnostics
• QFN, HTSSOP Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• LNB Power Supply and Control for Satellite Set-Top Box




Similar Part No. - ISL6423

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6423 INTERSIL-ISL6423 Datasheet
250Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs DiSEqC 2.0 Compatible
December 5, 2008
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
264Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6423BERZ INTERSIL-ISL6423BERZ Datasheet
246Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
More results


Similar Description - ISL6423

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
July 2004
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
ISL6425 INTERSIL-ISL6425 Datasheet
285Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 8, 2005
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6421A INTERSIL-ISL6421A_06 Datasheet
417Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
ISL6423 INTERSIL-ISL6423 Datasheet
250Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs DiSEqC 2.0 Compatible
December 5, 2008
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com