Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6444 Datasheet (PDF) - Renesas Technology Corp

ISL6444 Datasheet PDF - Renesas Technology Corp
Part # ISL6444
Download  ISL6444 Download
File Size   944.49 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual PWM Controller with DDR Memory Option for Gateway Applications

ISL6444 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6444 Datasheet PDF - Renesas Technology Corp

Part # ISL6444
Download  ISL6444 Click to download

File Size   944.49 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual PWM Controller with DDR Memory Option for Gateway Applications

ISL6444 Datasheet (HTML) - Renesas Technology Corp


ISL6444 Product details

Dual PWM Controller with DDR Memory Option for Gateway Applications

The ISL6444 PWM controller provides high efficiency and regulation for two output voltages adjustable in the range from 0.9V to 5.5V that are required to power I/O, chip-sets, and memory banks in high-performance notebook computers, PDAs, and Internet appliances.

Features
• Provides regulated output voltage in the range 0.9V to 5.5V
    - High efficiency over wide load range
    - Synchronous buck converter with hysteretic operation at light load
• Complete DDR memory power solution
    - VTT tracks VDDQ/2
    - VDDQ/2 buffered reference output
• No current-sense resistor required
    - Uses MOSFET’s rDS(ON)
    - Optional current-sense resistor for precision overcurrent
• Undervoltage lock-out on VCC pin
• Dual mode operation
    - Operates directly from battery 5.0V to 24V input
    - Operates from 3.3V or 5V system rail
• Excellent dynamic response
    - Combined voltage feed-forward and current mode control
• Power-good signal for each channel
• 300kHz switching frequency
    - Out-of-phase operation for reduced input ripple
    - In-phase operation in DDR mode for reduced channel interference
    - Out-of-phase operation with 90° phase shift for two-stage conversion in DDR mode
• Pb-free plus anneal available (RoHS compliant)

Applications
• Residential and Enterprise Gateways
• DSL Modems
• Routers and Switchers




Similar Part No. - ISL6444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
Dual PWM Controller with DDR Memory Option for Gateway Applications
May 2002
ISL6444 INTERSIL-ISL6444 Datasheet
381Kb / 19P
Dual PWM Controller with DDR Memory Option for Gateway Applications
April 12, 2007
ISL6444CA INTERSIL-ISL6444CA Datasheet
440Kb / 18P
Dual PWM Controller with DDR Memory Option for Gateway Applications
May 2002
ISL6444CA INTERSIL-ISL6444CA Datasheet
381Kb / 19P
Dual PWM Controller with DDR Memory Option for Gateway Applications
April 12, 2007
ISL6444CA-T INTERSIL-ISL6444CA-T Datasheet
440Kb / 18P
Dual PWM Controller with DDR Memory Option for Gateway Applications
May 2002
More results


Similar Description - ISL6444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
Dual Mobile-Friendly PWM Controller with DDR Memory Option
December 28, 2004
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
Dual PWM Controller with DDR Memory Option for Gateway Applications
May 2002
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
Dual Mobile-Friendly PWM Controller with DDR Option
May 4, 2009
ISL6444 INTERSIL-ISL6444_07 Datasheet
381Kb / 19P
Dual PWM Controller with DDR Memory Option for Gateway Applications
April 12, 2007
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
Dual Mobile-Friendly PWM Controller with DDR Option
December 21, 2006
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
Dual Mobile-Friendly PWM Controller with DDR Option
ISL6539 INTERSIL-ISL6539 Datasheet
510Kb / 20P
Wide Input Range Dual PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
Dual Mobile-Friendly PWM Controller with DDR Memory Option
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
Dual Mobile-Friendly PWM Controller with DDR Option
ISL6539 RENESAS-ISL6539 Datasheet
933Kb / 20P
Wide Input Range Dual PWM Controller with DDR Option
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com