Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6531 Datasheet (PDF) - Renesas Technology Corp

ISL6531 Datasheet PDF - Renesas Technology Corp
Part # ISL6531
Download  ISL6531 Download
File Size   897.2 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination

ISL6531 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6531 Datasheet PDF - Renesas Technology Corp

Part # ISL6531
Download  ISL6531 Click to download

File Size   897.2 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination

ISL6531 Datasheet (HTML) - Renesas Technology Corp


ISL6531 Product details

Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination

The ISL6531 provides complete control and protection for dual DC-DC converters optimized for high-performance DDRAM memory applications. It is designed to drive low cost N-channel MOSFETs in synchronous-rectified buck topology to efficiently generate 2.5V VDDQ for powering DDRAM memory, VREF for DDRAM differential signalling, and VTT for signal termination. The ISL6531 integrates all of the control, output adjustment, monitoring and protection functions into a single package.

Features
• Provides VDDQ, VREF, and VTT voltages for one- and twochannel DDRAM memory systems
• Excellent voltage regulation
    - VDDQ = 2.5V ±2% over full operating range
    - VREF = 1/2 • VDDQ ±1% over full operating range
    - VTT = VREF ± 30mV
• Supports ‘S3’ sleep mode
    - VTT is held at 1/2 • VDDQ via a low power window regulator to minimize wake-up time
• Fast transient response
    - Full 0% to 100% duty ratio
• Operates from +5V Input
• VTT regulator internally compensated
• Overcurrent fault monitor on VDD
    - Does not require extra current sensing element
    - Uses MOSFET’s rDS(ON)
• Drives inexpensive N-Channel MOSFETs
• Small converter size
    - 300kHz fixed frequency oscillator
• 24 Lead, SOIC or 32 Lead, 5mm×5mm QFN
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• VDDQ, VTT, and VREF regulation for DDRAM memory systems
    - Main memory in AMD® Athlon™ and K8™, Pentium® III, Pentium IV, Transmeta, PowerPC™, AlphaPC™, and UltraSparc® based computer systems
• High-power tracking DC-DC regulators




Similar Part No. - ISL6531

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
August 11, 2005
ISL6531CB INTERSIL-ISL6531CB Datasheet
461Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
August 11, 2005
ISL6531CB-T INTERSIL-ISL6531CB-T Datasheet
461Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
August 11, 2005
ISL6531CBZ INTERSIL-ISL6531CBZ Datasheet
461Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
August 11, 2005
ISL6531CBZ-T INTERSIL-ISL6531CBZ-T Datasheet
461Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
August 11, 2005
More results


Similar Description - ISL6531

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
March 2001
ISL6530 INTERSIL-ISL6530 Datasheet
540Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
November 15, 2004
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
August 11, 2005
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
March 10, 2006
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
Synchronous Buck Pulse-Width Modulator PWM Controller
May 5, 2008
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
Synchronous Buck Pulse-Width Modulator (PWM) Controller
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com