Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9210 Datasheet (PDF) - Richtek Technology Corporation

RT9210 Datasheet PDF - Richtek Technology Corporation
Part # RT9210
Download  RT9210 Download
File Size   349.1 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination

RT9210 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9210 Datasheet PDF - Richtek Technology Corporation

Part # RT9210
Download  RT9210 Click to download

File Size   349.1 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination

RT9210 Datasheet (HTML) - Richtek Technology Corporation


RT9210 Product details

General Description

The RT9210 is a dual high power, high efficiency synchronous buck DC-DC controller optimized for high

performance double data rate (DDR) memory applications.



Features

Operating with Single 5V Supply Voltage

High Power VDDQ, VTTand VREFfor DDR Memory

VTTTracks (VDDQ/2) to ±30mV

VTTRegulator Internally Compensated

Support “S3” Sleep Mode

Drives All Low Cost N-MOSFETs

Voltage Mode PWM Control

300kHz Fixed Frequency Oscillator

Fast Transient Response : Full 0% to 100% Duty Ratio

Internal Soft-Start

Adaptive Non-Overlapping Gate Driver

Over-Current Fault Monitor on VCC, No Current Sense Resistor Required

RoHS Compliant and 100% Lead (Pb)-Free



Applications

DDR Memory Termination Supply

SSTL_2 and SSTL_3 Interfaces

Graph Card, Motherboard, Desktop Servers

High Power Tracking DC-DC Regulators




Similar Part No. - RT9210

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9212GC RICHTEK-RT9212GC Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9212PC RICHTEK-RT9212PC Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9214GS RICHTEK-RT9214GS Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
More results


Similar Description - RT9210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6530 INTERSIL-ISL6530 Datasheet
540Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
November 15, 2004
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
August 11, 2005
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
Linear Technology
LTC3876 LINER-LTC3876_15 Datasheet
630Kb / 48P
Dual DC/DC Controller for DDR Power with Differential VDDQ Sensing and 50mA VTT Reference
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Renesas Technology Corp
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com