Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6504ACR Datasheet (PDF) - Renesas Technology Corp

ISL6504ACR Datasheet PDF - Renesas Technology Corp
Part # ISL6504ACR
Download  ISL6504ACR Download
File Size   900.78 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Linear Power Controller with ACPI Control Interface

ISL6504ACR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6504ACR Datasheet PDF - Renesas Technology Corp

Part # ISL6504ACR
Download  ISL6504ACR Click to download

File Size   900.78 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Linear Power Controller with ACPI Control Interface

ISL6504ACR Datasheet (HTML) - Renesas Technology Corp


ISL6504ACR Product details

The ISL6504 and ISL6504A complement other power building blocks (voltage regulators) in ACPI-compliant designs for microprocessor and computer applications. The IC integrates three linear controllers/regulators, switching, monitoring and control functions into a 16-pin wide-body SOIC or 20-pin QFN 6x6 package. The ISL6504, ISL6504A operating mode (active outputs or sleep outputs) is selectable through two digital control pins, S3 and S5.
One linear controller generates the 3.3VDUAL/3.3VSB voltage plane from the ATX supply’s 5VSB output, powering the south bridge and the PCI slots through an external NPN pass transistor during sleep states (S3, S4/S5). In active state (during S0 and S1/S2), the 3.3VDUAL/3.3VSB linear regulator uses an external N-channel pass MOSFET to connect the outputs directly to the 3.3V input supplied by an ATX power supply, for minimal losses.

Features
• Provides four ACPI-Controlled Voltages
   - 5VDUAL USB/Keyboard/Mouse
   - 3.3VDUAL/3.3VSB PCI/Auxiliary/LAN
   - 1.2VVID Processor VID Circuitry
   - 1.5VSB ICH4 Resume Well
• Excellent Output Voltage Regulation
   - All Outputs: 2.0% over temperature (as applicable)
• Small Size; Very Low External Component Count
• Undervoltage Monitoring of All Outputs with Centralized
   FAULT Reporting and Temperature Shutdown
• QFN Package:
   - Near Chip Scale Package Footprint; Improved PCB
      Efficiency; Thinner profile
• Pb-Free Available (RoHS Compliant)

Applications
• ACPI-Compliant Power Regulation for Motherboards
   - ISL6504: 5VDUAL is shut down in S4/S5 sleep states
   - ISL6504A: 5VDUAL stays on in S4/S5 sleep states




Similar Part No. - ISL6504ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6504ACR INTERSIL-ISL6504ACR Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
ISL6504ACR-T INTERSIL-ISL6504ACR-T Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
ISL6504ACRZ INTERSIL-ISL6504ACRZ Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
ISL6504ACRZ-T INTERSIL-ISL6504ACRZ-T Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
More results


Similar Description - ISL6504ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
1999 12
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com