Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6500B Datasheet (PDF) - Renesas Technology Corp

HIP6500B Datasheet PDF - Renesas Technology Corp
Part # HIP6500B
Download  HIP6500B Download
File Size   1337.79 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Linear Power Controller with ACPI Control Interface

HIP6500B Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6500B Datasheet PDF - Renesas Technology Corp

Part # HIP6500B
Download  HIP6500B Click to download

File Size   1337.79 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Linear Power Controller with ACPI Control Interface

HIP6500B Datasheet (HTML) - Renesas Technology Corp


HIP6500B Product details

Features
• Provides 5 ACPI-Controlled Voltages
- 5V Active/Sleep (5VDUAL)
- 3.3V Active/Sleep (3.3VDUAL)
- 2.5V/3.3V Active/Sleep (2.5/3.3VMEM)
- 3.3V Always Present (3.3VSB)
- 2.5V Clock (Active Only) (2.5VCLK)
• Excellent Output Voltage Regulation
- 3.3VDUAL Output: 2% Over Temperature; Sleep State
Only
- 2.5V/3.3VMEM Output: 2% Over Temperature; Both
Operational States (3.3V setting in sleep only)
- 2.5VCLK and 3.3VSB Output: 2% Over Temperature
• Small Size
- Very Low External Component Count
• Selectable Memory Output Voltage Via FAULT/MSEL Pin
- 2.5V for RDRAM Memory
- 3.3V for SDRAM Memory
• Under-Voltage Monitoring of All Outputs with Centralized
FAULT Reporting and Temperature Shutdown
Applications
• Motherboard Power Regulation for ACPI-Compliant
Computers




Similar Part No. - HIP6500B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6500BCB INTERSIL-HIP6500BCB Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6500BEVAL1 INTERSIL-HIP6500BEVAL1 Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
More results


Similar Description - HIP6500B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
1999 12
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com