Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6500B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP6500B
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6500B Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP6500B Datasheet HTML 1Page - Renesas Technology Corp HIP6500B Datasheet HTML 2Page - Renesas Technology Corp HIP6500B Datasheet HTML 3Page - Renesas Technology Corp HIP6500B Datasheet HTML 4Page - Renesas Technology Corp HIP6500B Datasheet HTML 5Page - Renesas Technology Corp HIP6500B Datasheet HTML 6Page - Renesas Technology Corp HIP6500B Datasheet HTML 7Page - Renesas Technology Corp HIP6500B Datasheet HTML 8Page - Renesas Technology Corp HIP6500B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Block Diagram
FIGURE 1.
S5
5VSB
+
-
GND
4.4V/3.2V
EA2
5VSB POR
SS
12V
5VDLSB
3V3DL
FAULT/MSEL
UV DETECTOR
TO
UV DETECTOR
EN3VDL
5VDL
EA4
3V3DLSB
UV COMPARATOR
3.75V
DLA
VSEN2
DRV2
3V3SB
MONITOR AND CONTROL
10.8V/9.8V
12V MONITOR
+
-
1.265V
TEMPERATURE
MONITOR
(TMON)
+
-
TO
VCLK
TO 3V3
UV DETECTOR
EA3
+
-
TO
TO 5VSB
UV
EA3
S3
EN5VDL
+
-
3V3
5V
10
A
40
A
TO 5VSB
TO 5V
DETECTOR
4.5V/4.25V
5V MONITOR
2.97V/2.8V
3V3 MONITOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com