Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6500B Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HIP6500B
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6500B Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HIP6500B Datasheet HTML 19Page - Renesas Technology Corp HIP6500B Datasheet HTML 20Page - Renesas Technology Corp HIP6500B Datasheet HTML 21Page - Renesas Technology Corp HIP6500B Datasheet HTML 22Page - Renesas Technology Corp HIP6500B Datasheet HTML 23Page - Renesas Technology Corp HIP6500B Datasheet HTML 24Page - Renesas Technology Corp HIP6500B Datasheet HTML 25Page - Renesas Technology Corp HIP6500B Datasheet HTML 26Page - Renesas Technology Corp HIP6500B Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
HIP6500B
FN4870 Rev 0.00
Page 8 of 15
May 2000
Functional Timing Diagrams
Figures 4 through 8 are timing diagrams, detailing the power
up/down sequences of all three outputs in response to the
status of the enable (EN3VDL, EN5VDL) and sleep-state pins
(S3, S5), as well as the status of the ATX supply.
The status of the EN3VDL and EN5VDL pins can only be
changed while in active (S0, S1) states, when the bias supply
(5VSB pin) is below POR level, or during chip shutdown (SS
pin shorted to GND); a status change of these two pins while in
a sleep state is ignored.
Not shown in these diagrams is the deglitching feature used to
protect against false sleep state tripping. Both S3 and S5 pins
are protected against noise by a 2
s filter (typically 1 - 4s).
This feature is useful in noisy computer environments if the
control signals have to travel over significant distances.
Additionally, the S3 pin features a 200
s delay in transitioning
to sleep states. Once the S3 pin goes low, an internal timer is
activated. At the end of the 200
s interval, if the S5 pin is low,
the HIP6502 switches into S5 sleep state; if the S5 pin is high,
the HIP6502 goes into S3 sleep state.
FIGURE 4. 3VDUAL AND 5VDUAL TIMING DIAGRAM FOR
EN3VDL = 1, EN5VDL = 1
5VSB
12V
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
FIGURE 5. 3VDUAL AND 5VDUAL TIMING DIAGRAM FOR
EN3VDL = 1, EN5VDL = 0
5VSB
12V
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
FIGURE 6. 3VDUAL AND 5VDUAL TIMING DIAGRAM FOR
EN3VDL = 0, EN5VDL = 1
5VSB
12V
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
FIGURE 7. 3VDUAL AND 5VDUAL TIMING DIAGRAM FOR
EN3VDL = 0, EN5VDL = 0
5VSB
12V
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com