Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6556BCRZ Datasheet (PDF) - Renesas Technology Corp

ISL6556BCRZ Datasheet PDF - Renesas Technology Corp
Part # ISL6556BCRZ
Download  ISL6556BCRZ Download
File Size   1160.61 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application

ISL6556BCRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6556BCRZ Datasheet PDF - Renesas Technology Corp

Part # ISL6556BCRZ
Download  ISL6556BCRZ Click to download

File Size   1160.61 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application

ISL6556BCRZ Datasheet (HTML) - Renesas Technology Corp


ISL6556BCRZ Product details

Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application

The ISL6556B controls microprocessor core voltage regulation by driving up to 4 synchronous-rectified buck channels in parallel. Multi-phase buck converter architecture uses interleaved timing to multiply channel ripple frequency and reduce input and output ripple currents.

Features
• Precision Multi-Phase Core Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.5% System Accuracy Over Temperature and Life
    - Adjustable Reference-Voltage Offset
• Precision rDS(ON) Current Sensing
    - Integrated Programmable Temperature Compensation
    - Accurate Load-Line Programming
    - Accurate Channel-Current Balancing
    - Low-Cost, Lossless Current Sensing
• Internal Shunt Regulator for 5V or 12V Biasing
• Microprocessor Voltage Identification Input
    - Dynamic VID™ Technology
    - 6-Bit VID Input
    - 0.8375V to 1.600V in 12.5mV Steps
• Threshold Enable Function for Precision Sequencing
• Overcurrent Protection
• Overvoltage Protection
    - No Additional External Components Needed
    - OVP Pin to drive optional Crowbar Device
• 2, 3, or 4 Phase Operation up to 1.5MHz per Phase
• QFN Package Option
    - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
        Flat No Leads - Product Outline
    - QFN Near Chip Scale Package Footprint; Improves
        PCB Efficiency, Thinner in Profile
• Pb-free Available (RoHS Compliant)




Similar Part No. - ISL6556BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6556BCRZ INTERSIL-ISL6556BCRZ Datasheet
692Kb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
December 28, 2004
ISL6556BCRZ-T INTERSIL-ISL6556BCRZ-T Datasheet
692Kb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
December 28, 2004
More results


Similar Description - ISL6556BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
December 29, 2004
ISL6556B INTERSIL-ISL6556B Datasheet
692Kb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
December 28, 2004
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
May 12, 2005
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
September 2004
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com