Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL62882 Datasheet (PDF) - Renesas Technology Corp

ISL62882 Datasheet PDF - Renesas Technology Corp
Part # ISL62882
Download  ISL62882 Download
File Size   2036.97 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs

ISL62882 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62882 Datasheet PDF - Renesas Technology Corp

Part # ISL62882
Download  ISL62882 Click to download

File Size   2036.97 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs

ISL62882 Datasheet (HTML) - Renesas Technology Corp


ISL62882 Product details

Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs

The ISL62882 is a multiphase PWM buck regulator for miroprocessor or graphics processor core power supply. The multiphase buck converter uses interleaved phases to reduce the total output voltage ripple with each phase carrying a portion of the total load current, providing better system performance, superior thermal management, lower component cost, reduced power dissipation, and smaller implementation area. The ISL62882 uses two integrated gate drivers to provide a complete solution. The PWM modulator is based on Intersils Robust Ripple Regulator (R3) technology™. Compared with traditional modulators, the R3™ modulator commands variable switching frequency during load transients, achieving faster transient response. With the same modulator, the switching frequency is reduced at light load, increasing the regulator efficiency.

Features
• Programmable 1- or 2-Phase CPU Mode Operation or 1-Phase GPU Mode Operation
• Precision Multiphase Core Voltage Regulation
    - 0.5% System Accuracy Over-Temperature
    - Enhanced Load Line Accuracy
• Microprocessor Voltage Identification Input
    - 7-Bit VID Input, 0V to 1.500V in 12.5mV Steps
    - Supports VID Changes On-The-Fly
• Supports Multiple Current Sensing Methods
    - Lossless Inductor DCR Current Sensing
    - Precision Resistor Current Sensing
• Supports PSI# and DPRSLPVR modes
• Superior Noise Immunity and Transient Response
• Current Monitor and Thermal Monitor
• Differential Remote Voltage Sensing
• High Efficiency Across Entire Load Range
• Programmable 1- or 2-Phase Operation
• Two Integrated Gate Drivers
• Excellent Dynamic Current Balance Between Phases
• Split LGATE1 Drivers Increases Light Load Efficiency
• FB2 Function Optimizes 1-Phase Mode Performance
• Adaptive Body Diode Conduction Time Reduction
• User-selectable Overshoot Reduction Function
• Small Footprint 40 Ld 5x5 or 48 Ld 6x6 TQFN Packages
• Pb-Free (RoHS Compliant)

Applications
• Notebook Core Voltage Regulator
• Notebook GPU Voltage Regulator




Similar Part No. - ISL62882

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
ISL62882B INTERSIL-ISL62882B Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
ISL62882B INTERSIL-ISL62882B Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
ISL62882BHRTZ INTERSIL-ISL62882BHRTZ Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
More results


Similar Description - ISL62882

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
February 25, 2010
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com