Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL62882 Datasheet (PDF) - Intersil Corporation

ISL62882 Datasheet PDF - Intersil Corporation
Part # ISL62882
Download  ISL62882 Download
File Size   1478.05 Kbytes
Page   42 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs

ISL62882 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62882 Datasheet PDF - Intersil Corporation

Part # ISL62882
Download  ISL62882 Click to download

File Size   1478.05 Kbytes
Page   42 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs

ISL62882 Datasheet (HTML) - Intersil Corporation


ISL62882 Product details

he ISL62882 is a multiphase PWM buck regulator for
miroprocessor or graphics processor core power supply. The
multiphase buck converter uses interleaved phases to reduce the
total output voltage ripple with each phase carrying a portion of the
total load current, providing better system performance, superior
thermal management, lower component cost, reduced power
dissipation, and smaller implementation area. The ISL62882 uses
two integrated gate drivers to provide a complete solution. The PWM
modulator is based on Intersil's Robust Ripple Regulator (R3)
technology™. Compared with traditional modulators, the R3™
modulator commands variable switching frequency during load
transients, achieving faster transient response. With the same
modulator, the switching frequency is reduced at light load,
increasing the regulator efficiency.
The ISL62882 can be configured as CPU or graphics Vcore controller
and is fully compliant with IMVP-6.5™ specifications. It responds to
PSI# and DPRSLPVR signals by adding or dropping Phase 2,
adjusting overcurrent protection threshold accordingly, and
entering/exiting diode emulation mode. It reports the regulator
output current through the IMON pin. It senses the current by using
either discrete resistor or inductor DCR whose variation over
temperature can be thermally compensated by a single NTC
thermistor. It uses differential remote voltage sensing to accurately
regulate the processor die voltage. The unique split LGATE function
further increases light load efficiency. The adaptive body diode
conduction time reduction function minimizes the body diode
conduction loss in diode emulation mode. User-selectable overshoot
reduction function offers an option to aggressively reduce the output
capacitors as well as the option to disable it for users concerned
about increased system thermal stress. The ISL62882 offers the
FB2 function to optimize 1-phase performance.
The ISL62882B has the same functions as the ISL62882, but
comes in a different package.

Features
• Programmable 1- or 2-Phase CPU Mode Operation or 1-Phase
GPU Mode Operation
• Precision Multiphase Core Voltage Regulation
- 0.5% System Accuracy Over-Temperature
- Enhanced Load Line Accuracy
• Microprocessor Voltage Identification Input
- 7-Bit VID Input, 0V to 1.500V in 12.5mV Steps
- Supports VID Changes On-The-Fly
• Supports Multiple Current Sensing Methods
- Lossless Inductor DCR Current Sensing
- Precision Resistor Current Sensing
• Supports PSI# and DPRSLPVR modes
• Superior Noise Immunity and Transient Response
• Current Monitor and Thermal Monitor
• Differential Remote Voltage Sensing
• High Efficiency Across Entire Load Range
• Programmable 1- or 2-Phase Operation
• Two Integrated Gate Drivers
• Excellent Dynamic Current Balance Between Phases
• Split LGATE1 Drivers Increases Light Load Efficiency
• FB2 Function Optimizes 1-Phase Mode Performance
• Adaptive Body Diode Conduction Time Reduction
• User-selectable Overshoot Reduction Function
• Small Footprint 40 Ld 5x5 or 48 Ld 6x6 TQFN Packages
• Pb-Free (RoHS Compliant)

Applications
• Notebook Core Voltage Regulator
• Notebook GPU Voltage Regulator




Similar Part No. - ISL62882

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62882B INTERSIL-ISL62882B Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
ISL62882BHRTZ INTERSIL-ISL62882BHRTZ Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
logo
Renesas Technology Corp
ISL62882BHRTZ RENESAS-ISL62882BHRTZ Datasheet
1Mb / 41P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Similar Description - ISL62882

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
February 25, 2010
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62883HRTZ INTERSIL-ISL62883HRTZ Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com