Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8324 Datasheet (PDF) - Analog Devices

AD8324 Datasheet PDF - Analog Devices
Part # AD8324
Download  AD8324 Download
File Size   516.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V Upstream Cable Line Driver

AD8324 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8324 Datasheet PDF - Analog Devices

Part # AD8324
Download  AD8324 Click to download

File Size   516.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V Upstream Cable Line Driver

AD8324 Datasheet (HTML) - Analog Devices


AD8324 Product details

GENERAL DESCRIPTION
The AD8324 1 is a low cost amplifier designed for coaxial line driving. The features and specifications make the AD8324 ideally suited for DOCSIS 2.0 and Euro-DOCSIS applications. The gain of the AD8324 is digitally controlled. An 8-bit serial word determines the desired output gain over a 59 dB range, resulting in gain changes of 1 dB/LSB.

FEATURES
    Supports DOCSIS 2.0 and Euro-DOCSIS standards for reverse path transmission systems
    Gain programmable in 1 dB steps over a 59 dB range
    Low distortion at 61 dBmV output:
        –59 dBc SFDR at 21 MHz
        –54 dBc SFDR at 65 MHz
    Output noise level @ minimum gain 1.3 nV/√Hz
    Maintains 75 Ω output impedance in TX-enable and Transmit-disable condition
    Upper bandwidth: 100 MHz (full gain range)
    3.3 V supply operation
    Supports SPI® interfaces

APPLICATIONS
    DOCSIS 2.0 and Euro-DOCSIS cable modems
    CATV set-top boxes
    CATV telephony modems
    Coaxial and twisted pair line drivers




Similar Part No. - AD8324

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8324ACP AD-AD8324ACP Datasheet
420Kb / 16P
3.3 V Upstream Cable Line Driver
7/05-Rev. 0 to Rev. A
AD8324ACP-EVAL AD-AD8324ACP-EVAL Datasheet
420Kb / 16P
3.3 V Upstream Cable Line Driver
7/05-Rev. 0 to Rev. A
AD8324ACP-REEL7 AD-AD8324ACP-REEL7 Datasheet
420Kb / 16P
3.3 V Upstream Cable Line Driver
7/05-Rev. 0 to Rev. A
AD8324ACPZ AD-AD8324ACPZ Datasheet
420Kb / 16P
3.3 V Upstream Cable Line Driver
7/05-Rev. 0 to Rev. A
AD8324ACPZ-REEL7 AD-AD8324ACPZ-REEL7 Datasheet
420Kb / 16P
3.3 V Upstream Cable Line Driver
7/05-Rev. 0 to Rev. A
More results


Similar Description - AD8324

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
5 V Upstream Cable Line Driver
60-Dec-2030
AD45048 AD-AD45048 Datasheet
153Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
9/05-Rev. 0 to Rev. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
Analog Devices
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
3.3 V Upstream Cable Line Driver
7/05-Rev. 0 to Rev. A
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
5 V Upstream Cable Line Driver
10/05-Rev. 0 to Rev. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
3.3 V Upstream Cable Line Driver
REV. B
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com