Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP3TP Datasheet (PDF) - STMicroelectronics

M25P10-AVMP3TP Datasheet PDF - STMicroelectronics
Part # M25P10-AVMP3TP
Download  M25P10-AVMP3TP Download
File Size   128.94 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface

M25P10-AVMP3TP Datasheet (PDF)

Go To PDF Page Download Datasheet
M25P10-AVMP3TP Datasheet PDF - STMicroelectronics

Part # M25P10-AVMP3TP
Download  M25P10-AVMP3TP Click to download

File Size   128.94 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface

M25P10-AVMP3TP Datasheet (HTML) - STMicroelectronics


M25P10-AVMP3TP Product details

SUMMARY DESCRIPTION
The M25Pxx is a 512Kbit to 32Mbit (2M x 8) Serial Flash Memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus.

FEATURES SUMMARY
■ 512Kbit to 32Mbit of Flash Memory
■ Page Program (up to 256 Bytes) in 1.4ms(typical)
■ Sector Erase (256 Kbit or 512Kbit)
■ Bulk Erase (512Kbit to 32Mbit)
■ 2.7 to 3.6V Single Supply Voltage
■ SPI Bus Compatible Serial Interface
■ 40MHz to 50MHz Clock Rate (maximum)
■ Deep Power-down Mode 1µA (typical)
■ Electronic Signatures
– JEDEC Standard Two-Byte Signature(20xxh)
– RES Instruction, One-Byte, Signature, for backward compatibility
■ More than 100000 Erase/Program Cycles per Sector
■ More than 20 Year Data Retention




Similar Part No. - M25P10-AVMP3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P10-AVMP3TP/X STMICROELECTRONICS-M25P10-AVMP3TP/X Datasheet
392Kb / 49P
1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
05-Jun-2006
logo
Numonyx B.V
M25P10-AVMP3TP/X NUMONYX-M25P10-AVMP3TP/X Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P10-AVMP3TP/Y NUMONYX-M25P10-AVMP3TP/Y Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
More results


Similar Description - M25P10-AVMP3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
13-Dec-2002
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
25-Feb-2002
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
512-Kbit, serial flash memory, 50 MHz SPI bus interface
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com