Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64 Datasheet (PDF) - Numonyx B.V

M25P64 Datasheet PDF - Numonyx B.V
Part # M25P64
Download  M25P64 Download
File Size   942.46 Kbytes
Page   50 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface

M25P64 Datasheet (PDF)

Go To PDF Page Download Datasheet
M25P64 Datasheet PDF - Numonyx B.V

Part # M25P64
Download  M25P64 Click to download

File Size   942.46 Kbytes
Page   50 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface

M25P64 Datasheet (HTML) - Numonyx B.V


M25P64 Product details

Description

The M25P64 is a 64 Mbit (8M x 8) Serial Flash Memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus.

The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

An enhanced Fast Program/Erase mode is available to speed up operations in factory environment. The device enters this mode whenever the VPPH voltage is applied to the Write

Protect/Enhanced Program Supply Voltage pin (W/VPP).

The memory is organized as 128 sectors, each containing 256 pages. Each page is 256 bytes wide. Thus, the whole memory can be viewed as consisting of 32768 pages, or 8388608 bytes.



Features

■ 64 Mbit of Flash memory

■ 2.7 V to 3.6 V single supply voltage

■ SPI bus compatible serial interface

■ 50 MHz clock rate (maximum)

■ VPP = 9 V for Fast Program/Erase mode (optional)

■ Page Program (up to 256 Bytes)

   – in 1.4 ms (typical)

   – in 0.35 ms (typical with VPP = 9 V)

■ Sector Erase (512 Kbit)

■ Bulk Erase (64 Mbit)

■ Electronic Signatures

   – JEDEC standard two-Byte signature (2017h)

   – RES instruction, one-Byte, signature (16h), for backward compatibility

■ Hardware Write Protection: protected area size defined by three non-volatile bits (BP0, BP1 and BP2)

■ More than 100 000 Erase/Program cycles per sector

■ More than 20-year data retention

■ Packages

   – ECOPACK® (RoHS compliant)



 




Similar Part No. - M25P64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
1Mb / 55P
64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P64-VME6 STMICROELECTRONICS-M25P64-VME6 Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
M25P64-VME6G STMICROELECTRONICS-M25P64-VME6G Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
M25P64-VME6G STMICROELECTRONICS-M25P64-VME6G Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
More results


Similar Description - M25P64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com